Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4783 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4783
Description  Narrow beam LED in Dragon Dome package (850nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4783 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4783 Datasheet HTML 1Page - OSRAM GmbH SFH4783 Datasheet HTML 2Page - OSRAM GmbH SFH4783 Datasheet HTML 3Page - OSRAM GmbH SFH4783 Datasheet HTML 4Page - OSRAM GmbH SFH4783 Datasheet HTML 5Page - OSRAM GmbH SFH4783 Datasheet HTML 6Page - OSRAM GmbH SFH4783 Datasheet HTML 7Page - OSRAM GmbH SFH4783 Datasheet HTML 8Page - OSRAM GmbH SFH4783 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2015-01-27
4
Version 1.4
SFH 4783
Grouping (T
A = 25 °C)
Gruppierung
Group
Min Radiant Intensity
Max Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
I
F= 1 A, tp= 10 ms
I
F= 1 A, tp= 10 ms
I
e, min [mW / sr]
I
e, max [mW / sr]
SFH 4783 - FX
1250
2500
SFH 4783 - GX
2000
4000
Note:
measured at a solid angle of Ω = 0.001 sr
Only one group in one packing unit (variation lower 2:1).
Anm.:
gemessen bei einem Raumwinkel Ω = 0.001 sr
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1).
Relative Spectral Emission 1) page 12
Relative spektrale Emission 1) Seite 12
Irel = f (λ), TA = 25 °C, IF =1A, Single pulse, tp = 10
ms
Relative Total Radiant Flux 1) page 12
Relativer Gesamtstrahlungsfluss 1) Seite 12
Φe/Φe(1A) = f (IF), TA = 25 °C, Single pulse,
tp = 100 μs
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05526
I
F
A
10
5 10
5
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (1 A)
e
Φ
1
10
0
10
-1
-2
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com