Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28SRC01 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL28SRC01
Description  One100-MHz differential SRC clocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC01 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL28SRC01 Datasheet HTML 2Page - Silicon Laboratories SL28SRC01 Datasheet HTML 3Page - Silicon Laboratories SL28SRC01 Datasheet HTML 4Page - Silicon Laboratories SL28SRC01 Datasheet HTML 5Page - Silicon Laboratories SL28SRC01 Datasheet HTML 6Page - Silicon Laboratories SL28SRC01 Datasheet HTML 7Page - Silicon Laboratories SL28SRC01 Datasheet HTML 8Page - Silicon Laboratories SL28SRC01 Datasheet HTML 9Page - Silicon Laboratories SL28SRC01 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SL28SRC01
DOC#: SP-AP-0015 (Rev. 0.2)
Page 6 of 11
Test and Measurement Set-up
For SRC Signals
This diagram shows the test load configuration for the differential SRC outputs
Tjphasepll
Phase Jitter
(PLL BW 8-16MHz, 5-16MHz )
RMS value
3.1
pS
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
–
1.8
ms
TSS
Stopclock Set-up Time
10.0
–
ns
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Figure 3. 0.7V Differential Load Configuration
Figure 4. Differential Measurement for Differential Output Signals (for AC Parameters Measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com