Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28SRC01 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL28SRC01
Description  One100-MHz differential SRC clocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC01 Datasheet(HTML) 1 Page - Silicon Laboratories

  SL28SRC01 Datasheet HTML 1Page - Silicon Laboratories SL28SRC01 Datasheet HTML 2Page - Silicon Laboratories SL28SRC01 Datasheet HTML 3Page - Silicon Laboratories SL28SRC01 Datasheet HTML 4Page - Silicon Laboratories SL28SRC01 Datasheet HTML 5Page - Silicon Laboratories SL28SRC01 Datasheet HTML 6Page - Silicon Laboratories SL28SRC01 Datasheet HTML 7Page - Silicon Laboratories SL28SRC01 Datasheet HTML 8Page - Silicon Laboratories SL28SRC01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC01
DOC#: SP-AP-0015 (Rev. 0.2)
Page 1 of 11
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Low power PCI Express Gen 2 & Gen 3clock generator
• One100-MHz differential SRC clocks
• Low power push-pull output buffers (no 50ohm to
ground needed)
• Integrated 33ohm series termination resistors
• Low jitter (<50pS)
• SSON input for enabling spread spectrum clock
• Triangular Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• Input frequency of 14.318MHz
• Industrial Temperature -40oC to 85oC
• 3.3V power supply
• 16-pin TSSOP package
Pin Configuration
Block Diagram


Similar Part No. - SL28SRC01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SL28SRC01BZI SKYWORKS-SL28SRC01BZI Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SL28SRC01BZIT SKYWORKS-SL28SRC01BZIT Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results

Similar Description - SL28SRC01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS932S203 IDT-ICS932S203 Datasheet
248Kb / 18P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com