Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28SRC01 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SL28SRC01
Description  One100-MHz differential SRC clocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC01 Datasheet(HTML) 3 Page - Silicon Laboratories

  SL28SRC01 Datasheet HTML 1Page - Silicon Laboratories SL28SRC01 Datasheet HTML 2Page - Silicon Laboratories SL28SRC01 Datasheet HTML 3Page - Silicon Laboratories SL28SRC01 Datasheet HTML 4Page - Silicon Laboratories SL28SRC01 Datasheet HTML 5Page - Silicon Laboratories SL28SRC01 Datasheet HTML 6Page - Silicon Laboratories SL28SRC01 Datasheet HTML 7Page - Silicon Laboratories SL28SRC01 Datasheet HTML 8Page - Silicon Laboratories SL28SRC01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SL28SRC01
DOC#: SP-AP-0015 (Rev. 0.2)
Page 3 of 11
capacitors are calculated to provide equal capacitive loading
on both sides.
,
Use the following formulas to calculate the trim capacitor
values for Ce1 and Ce2 .
CL....................................................Crystal load capacitance
CLe......................................... Actual loading seen by crystal
using standard value trim capacitors
Ce..................................................... External trim capacitors
Cs..............................................Stray capacitance (terraced)
Ci ...........................................................Internal capacitance
(lead frame, bond wires, etc.)
XTAL
Ce 2
Ce 1
Cs 1
Cs 2
X1
X2
Ci1
Ci2
Clo c k Ch ip
Tra c e
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example
F
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL - (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Core Supply Voltage
–
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
4.6
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA (commercial)
Temperature, Operating
Ambient, Commercial
Functional
0
85
°C
TA (industrial)
Temperature, Operating
Ambient, Industrial
Functional
-40
85
°C
TJ
Temperature, Junction
Functional
–
150
°C
ØJC
Dissipation, Junction to Case
JEDEC (JESD 51)
–
20
°C/
W
ØJA
Dissipation, Junction to Ambient JEDEC (JESD 51)
–
60
°C/
W
ESDHBM
ESD Protection (Human Body
Model)
JEDEC (JESD 22 - A114)
2000
–
V
UL-94
Flammability Rating
UL (Class)
V–0
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIH
3.3V Input High Voltage
2.0
VDD + 0.3 V
VIL
3.3V Input Low Voltage
VSS – 0.3
0.8
V
IIH
Input High Leakage Current
Except internal pull-down resistors, 0 < VIN <
VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0 < VIN < VDD
–5
–
A
VOH
3.3V Output High Voltage
IOH = –1 mA
2.4
–
V
VOL
3.3V Output Low Voltage
IOL = 1 mA
–
0.4
V
IOZ
High-impedance Output
Current
–10
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com