Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89682K Datasheet(PDF) 13 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 13 Page - Aplus Intergrated Circuits

Back Button P89682K Datasheet HTML 9Page - Aplus Intergrated Circuits P89682K Datasheet HTML 10Page - Aplus Intergrated Circuits P89682K Datasheet HTML 11Page - Aplus Intergrated Circuits P89682K Datasheet HTML 12Page - Aplus Intergrated Circuits P89682K Datasheet HTML 13Page - Aplus Intergrated Circuits P89682K Datasheet HTML 14Page - Aplus Intergrated Circuits P89682K Datasheet HTML 15Page - Aplus Intergrated Circuits P89682K Datasheet HTML 16Page - Aplus Intergrated Circuits P89682K Datasheet HTML 17Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
13
May 24 2016
State Description :
State Name
Description
Reset
Include Power On Reset (typ 5us) and external reset (depends on the external reset circuit).
All pins are input floating.
Serial Command inhibited.
After reset, state transfer to the " Configure " state.
Configure
Internal Chip Configuration.
All pins are input floating.
Serial Command inhibited. (Max configure time = 2ms)
After configuration, state transfer to the "Idle" state.
Idle
State transfer to the "Play" state if "active command" received before timeout.
After time out without active command, state transition to the "Sleep" State.
Play
Playing Voice Group include ramp.
State transfer to the "Wait" state if nothing to be played.
Wait
Wait new Serial command and back to the play state without time limit.
State transition to the "Sleep" state if "de-active command" received.
Ramp down before transition to the sleep if the "PD2" command be accepted.
Sleep
State transition to the "Wakeup" state if selected by the host CPU.
(Wait sleep to wake up state time = 20us.)
Wakeup
Single command be buffered and wait to execute after wakeup state!!
(Max wakeup time = 2ms).
State transition to the "Play" state if active command received else to the "Idle" state.
Fig. 9 State Description
*** Active commands are "Load", "Play", "PU1" and "PU2".
De-Active commands are "PD1" and "PD2".
In CPU Serial Command Control :
a. Using PU1/PU2 command first from de-active state.
Add 2ms delay after PU1/PU2 command is necessary.
b. Max "Output Delay of Busy/Full Signal" equal 2ms during active.
c. OUT2's select is different from the aP89xxx Series. ( POUT)
Output select to reference PIN DESCRIPTIONS of OUT1、OUT2 and OUT3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com