Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89682K Datasheet(PDF) 39 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 39 Page - Aplus Intergrated Circuits

Back Button P89682K Datasheet HTML 35Page - Aplus Intergrated Circuits P89682K Datasheet HTML 36Page - Aplus Intergrated Circuits P89682K Datasheet HTML 37Page - Aplus Intergrated Circuits P89682K Datasheet HTML 38Page - Aplus Intergrated Circuits P89682K Datasheet HTML 39Page - Aplus Intergrated Circuits P89682K Datasheet HTML 40Page - Aplus Intergrated Circuits P89682K Datasheet HTML 41Page - Aplus Intergrated Circuits P89682K Datasheet HTML 42Page - Aplus Intergrated Circuits P89682K Datasheet HTML 43Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
39
May 24 2016
I2C Mode
Fig. 37
Note:
1. If voltage is higher than 4.0V, C (0.1uF(typ)) is necessary for endure high voltage and protect it
from noise which may affect its performance.
Distance between caps and ICs should be minimized to reduce spreading inductance.
The wiring length between the IC and caps may be less than 150mil.
2. Rp is used to filter noise from power line.
A. Rp is unnecessary in DAC mode or VDD less than 3.6v.
The value of Rp is 0 ohm in DAC mode.
B. If voltage is higher than 3.6V and chip is configured as PWM mode,
Rp is necessary for system stability.
The value of Rp is 56 ohm in PWM mode.
The minimum operating voltage would be lifted from 2.0v to 2.2v, when Rp is added.
C. If Rp is added and there are LED drove by OUT[1:3] pin,
please configure the OUT pin as active low to drive LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com