Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89682K Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  P89682K Datasheet HTML 1Page - Aplus Intergrated Circuits P89682K Datasheet HTML 2Page - Aplus Intergrated Circuits P89682K Datasheet HTML 3Page - Aplus Intergrated Circuits P89682K Datasheet HTML 4Page - Aplus Intergrated Circuits P89682K Datasheet HTML 5Page - Aplus Intergrated Circuits P89682K Datasheet HTML 6Page - Aplus Intergrated Circuits P89682K Datasheet HTML 7Page - Aplus Intergrated Circuits P89682K Datasheet HTML 8Page - Aplus Intergrated Circuits P89682K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
2
May 24 2016
FEATURES :
• Standard CMOS process.
• Embedded 16M/8M/4M/2M EPROM.
• 682/341/170/85 sec Voice Length at 6KHz sampling and 4-bits ADPCM compression.
• Maximum 1024 voice groups.
• Maximum 48KHz sample rate.
• Combination of voice blocks to extend playback duration.
• User selectable PCM16 or ULAW8 or PCM8 or ADPCM4 data compression.
• 7 triggering modes are available :
-
Key Mode :
S1 ~ S8 to trigger up to 57 voice groups; Power on play function.
-
SBT Mode :
SBT to trigger up to 1024 voice groups sequentially; Power on play function.
-
CPU Parallel Mode :
S[8:1] services as 8-bits address to trigger up to 256 voice groups.
with SBT goes HIGH to strobe the address bits.
-
SPI Mode : CSB , SCK , DI.
3 wire address control up to 1024 voice groups.
-
I2C Mode : SCK , DI.
2 wire address control up to 1024 voice groups.
-
MP3 Mode :
S1:Backward , S2: Forward , S3: (Pause/Stop) , S4:Reset ,
SBT: (Play/Pause) or (Play/Stop) Trigger up to 1024 voice groups.
-
aP89 Mode – Function setting similar aP89341/aP89170/aP89085.
• Voice Group Trigger Options: Edge / Level; Hold / Unholdable; Retrigger / Non-retrigger.
• Optional 16ms or 65us selectable debounce time.
• RST pin set HIGH to stop the playback at once.
• LVD ( Low voltage detect ).
• Programmable outputs pin out1,out2,out3 :
for busy-H , busy-L , stop-H , stop-L , prog busy-H , prog busy-L , Load,
LED flash ( LED high active ) , ~LED flash ( LED low active ).
• Three kind oscillator: Internal-Rosc、External-Rosc、Crystal.
• 2V – 5V single power supply and < 5uA low stand-by current.
• 16/8/4 level volume control setting available.
• 16 bits audio out.
• PWM Vout1 and Vout2 drive speaker directly.
• D/A COUT pin drives speaker through an external BJT or audio AMP.
• Development System support for voice compilation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com