Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4880
Description  Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4880 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4880 Datasheet HTML 1Page - National Semiconductor (TI) LM4880 Datasheet HTML 2Page - National Semiconductor (TI) LM4880 Datasheet HTML 3Page - National Semiconductor (TI) LM4880 Datasheet HTML 4Page - National Semiconductor (TI) LM4880 Datasheet HTML 5Page - National Semiconductor (TI) LM4880 Datasheet HTML 6Page - National Semiconductor (TI) LM4880 Datasheet HTML 7Page - National Semiconductor (TI) LM4880 Datasheet HTML 8Page - National Semiconductor (TI) LM4880 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
3500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
Infrared (15 sec.)
215˚C
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
Thermal Resistance
θ
JC (DIP)
37˚C/W
θ
JA (DIP)
107˚C/W
θ
JC (SO)
35˚C/W
θ
JA (SO)
170˚C/W
Operating Ratings
Temperature Range
T
MIN≤TA≤TMAX
−40˚C
≤T
A≤+85˚C
Supply Voltage
2.7V
≤V
DD≤5.5V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4880
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN=0V, IO=0A
3.6
6.0
mA
(max)
I
SD
Shutdown Current
V
PIN5=VDD
0.7
5
µA
(max)
V
OS
Output Offset Voltage
V
IN=0V
5
50
mV
(max)
P
O
Output Power
THD=0.1% (max); f=1 kHz;
R
L=8Ω
250
200
mW
(min)
R
L=32Ω
85
mW
THD+N=10%;f=1 kHz
R
L=8Ω
325
mW
R
L=32Ω
110
mW
THD+N
Total Harmonic Distortion+Noise
R
L=8Ω,PO=200 mW;
0.03
%
R
L=32Ω,PO=75 mW;
0.02
%
f=1 kHz
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF,
V
RIPPLE=200 mVrms, f = 100 Hz
50
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device is functional, but do
not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific
performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however,
the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX = (TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4880, TJMAX = 150˚C,
and the typical junction-to-ambient thermal resistance is 170˚C/W for package M08A and 107˚C/W for package N08E.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com