Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4880
Description  Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4880 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4880 Datasheet HTML 1Page - National Semiconductor (TI) LM4880 Datasheet HTML 2Page - National Semiconductor (TI) LM4880 Datasheet HTML 3Page - National Semiconductor (TI) LM4880 Datasheet HTML 4Page - National Semiconductor (TI) LM4880 Datasheet HTML 5Page - National Semiconductor (TI) LM4880 Datasheet HTML 6Page - National Semiconductor (TI) LM4880 Datasheet HTML 7Page - National Semiconductor (TI) LM4880 Datasheet HTML 8Page - National Semiconductor (TI) LM4880 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4880
Dual 250 mW Audio Power Amplifier with Shutdown
Mode
General Description
The LM4880 is a dual audio power amplifier capable of deliv-
ering typically 250 mW per channel of continuous average
power to an 8
Ω load with 0.1% (THD) using a 5V power sup-
ply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging.
Since the LM4880 does not require bootstrap capacitors or
snubber networks, it is optimally suited for low-power por-
table systems.
The LM4880 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable LM4880 can be configured by external
gain-setting resistors.
Key Specifications
n THD at 1 kHz at 200 mW continuous average output
power into 8
Ω: 0.1% (max)
n THD at 1 kHz at 85 mW continuous average output
power into 32
Ω: 0.1% (typ)
n Output power at 10% THD+Nat1kHz into 8
Ω:
325 mW (typ)
n Shutdown Current:
0.7 µA (typ)
Features
n No bootstrap capacitors or snubber circuits are
necessary
n Small Outline (SO) and DIP packaging
n Unity-gain stable
n External gain configuration capability
Applications
n Headphone Amplifier
n Personal Computers
n CD-ROM Players
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
DS012343-1
*Refer to the Application Information section for information concerning proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
November 1995
© 1999 National Semiconductor Corporation
DS012343
www.national.com


Similar Part No. - LM4880

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880 Datasheet
401Kb / 12P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4880 TI2-LM4880 Datasheet
804Kb / 24P
LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
More results

Similar Description - LM4880

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
300 mW Audio Power Amplifier with Shutdown Mode
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
logo
Unisonic Technologies
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com