Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4880
Description  Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4880 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4880 Datasheet HTML 4Page - National Semiconductor (TI) LM4880 Datasheet HTML 5Page - National Semiconductor (TI) LM4880 Datasheet HTML 6Page - National Semiconductor (TI) LM4880 Datasheet HTML 7Page - National Semiconductor (TI) LM4880 Datasheet HTML 8Page - National Semiconductor (TI) LM4880 Datasheet HTML 9Page - National Semiconductor (TI) LM4880 Datasheet HTML 10Page - National Semiconductor (TI) LM4880 Datasheet HTML 11Page - National Semiconductor (TI) LM4880 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
(4)
A
V = −RF/Ri
(5)
From
Equation (4), the minimum gain is::
A
V = −1.26
Since the desired input impedance was 20 k
Ω, and with a
gain of −1.26, a value of 27 k
Ω is designated for R
f, assum-
ing 5% tolerance resistors. This combination results in a
nominal gain of −1.35. The final design step is to address the
bandwidth requirements which must be stated as a pair of
−3 dB frequency points. Five times away from a −3 dB point
is 0.17 dB down from passband response assuming a single
pole roll-off. As stated in the External Components section,
both R
i in conjunction with Ci, and Co with RL, create first or-
der high pass filters. Thus to obtain the desired frequency
low response of 100 Hz within ± 0.5 dB, both poles must be
taken into consideration. The combination of two single order
filters at the same frequency forms a second order response.
This results in a signal which is down 0.34 dB at five times
away from the single order filter −3 dB point. Thus, a fre-
quency of 20 Hz is used in the following equations to ensure
that the response if better than 0.5 dB down at 100 Hz.
C
i ≥ 1/(2π*20kΩ*20Hz) = 0.397 µF; use 0.39 µF
C
o ≥ 1/(2π*8Ω*20Hz) = 995 µF; use 1000 µF
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the closed-loop gain,
A
V. With a closed-loop gain magnitude of 1.35 and fH = 100
kHz, the resulting GBWP = 135 kHz which is much smaller
than the LM4880 GBWP of 12.5 MHz. This figure displays
that if a designer has a need top design an amplifier with a
higher gain, the LM4880 can still be used without running
into bandwidth limitations.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com