Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4882 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4882
Description  250mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4882 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4882 Datasheet HTML 4Page - National Semiconductor (TI) LM4882 Datasheet HTML 5Page - National Semiconductor (TI) LM4882 Datasheet HTML 6Page - National Semiconductor (TI) LM4882 Datasheet HTML 7Page - National Semiconductor (TI) LM4882 Datasheet HTML 8Page - National Semiconductor (TI) LM4882 Datasheet HTML 9Page - National Semiconductor (TI) LM4882 Datasheet HTML 10Page - National Semiconductor (TI) LM4882 Datasheet HTML 11Page - National Semiconductor (TI) LM4882 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
vice or the shutdown function may cause the “click and pop”
circuitry to not operate fully, resulting in increased “click and
pop” noise.
The value of C
i will also reflect turn-on pops. Clearly, a cer-
tain size for C
i is needed to couple in low frequencies without
excessive attenuation. But in many cases, the speakers
used in portable systems have little ability to reproduce sig-
nals below 100 Hz to 150 Hz. In this case, using a large input
and output coupling capacitor may not increase system per-
formance. In most cases, choosing a small value of C
i in the
range of 0.1 µF to 0.33 µF, along with C
B equal to 1.0 µF
should produce a virtually clickless and popless turn-on. In
cases where C
i is larger than 0.33 µF, it may be advanta-
geous to increase the value of C
B. Again, it should be under-
stood that increasing the value of C
B will reduce the “clicks
and pops” at the expense of a longer device turn-on time.
AUDIO POWER AMPLIFIER DESIGN
Design a 250 mW/8
Ω Audio Amplifier
Given:
Power Output
250 mWrms
Load Impedance
8
Ω
Input Level
1 Vrms (max)
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.50 dB
A designer must first determine the needed supply rail to ob-
tain the specified output power. Calculating the required sup-
ply rail involves knowing two parameters, V
OPEAK and also
the dropout voltage. The latter is typically 530mV and can be
found from the graphs in the Typical Performance Charac-
teristics. V
OPEAK can be determined from Equation 3.
(3)
For 250 mW of output power into an 8
Ω load, the required
V
OPEAK is 2 volts. A minimum supply rail of 4.55V results
from adding V
OPEAK and VOD. Since 5V is a standard supply
voltage in most applications, it is chosen for the supply rail.
Extra supply voltage creates headroom that allows the
LM4882 to reproduce peaks in excess of 300 mW without
clipping the signal. At this time, the designer must make sure
that the power supply choice along with the output imped-
ance does not violate the conditions explained in the Power
Dissipation section.
Once the power dissipation equations have been addressed,
the required gain can be determined from Equation 4.
(4)
A
V =Rf /Ri
(5)
From Equation 4, the minimum gain is:
A
V = 1.4
Since the desired input impedance was 20 k
Ω, and with a
gain of 1.4, a value of 28 k
Ω is designated for R
f, assuming
5% tolerance resistors. This combination results in a nominal
gain of 1.4. The final design step is to address the bandwidth
requirements which must be stated as a pair of −3 dB fre-
quency points. Five times away from a −3 dB point is 0.17 dB
down from passband response assuming a single pole roll-
off. As stated in the External Components section, both R
i
in conjunction with C
i, and Co with RL, create first order high-
pass filters. Thus to obtain the desired frequency low re-
sponse of 100 Hz within ±0.5 dB, both poles must be taken
into consideration. The combination of two single order filters
at the same frequency forms a second order response. This
results in a signal which is down 0.34 dB at five times away
from the single order filter −3 dB point. Thus, a frequency of
20 Hz is used in the following equations to ensure that the re-
sponse is better than 0.5 dB down at 100 Hz.
C
i ≥ 1/(2π *20kΩ * 20 Hz) = 0.397 µF; use 0.39 µF.
C
o ≥ 1/(2π *8Ω * 20 Hz) = 995 µF; use 1000 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the closed-loop gain, A
V
. With a closed-loop gain of 1.4 and f
H = 100 kHz, the result-
ing GBWP = 140 kHz which is much smaller than the
LM4882 GBWP of 12.5Mhz. This figure displays that if a de-
signer has a need to design an amplifier with a higher gain,
the LM4882 can still be used without running into bandwidth
limitations.
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com