Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4882 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4882
Description  250mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4882 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4882 Datasheet HTML 1Page - National Semiconductor (TI) LM4882 Datasheet HTML 2Page - National Semiconductor (TI) LM4882 Datasheet HTML 3Page - National Semiconductor (TI) LM4882 Datasheet HTML 4Page - National Semiconductor (TI) LM4882 Datasheet HTML 5Page - National Semiconductor (TI) LM4882 Datasheet HTML 6Page - National Semiconductor (TI) LM4882 Datasheet HTML 7Page - National Semiconductor (TI) LM4882 Datasheet HTML 8Page - National Semiconductor (TI) LM4882 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4882
250mW Audio Power Amplifier with Shutdown Mode
General Description
The LM4882 is a single-ended audio power amplifier ca-
pable of delivering 250 mW of continuous average power
into an 8
Ω load with 1% (THD + N) from a 5V power supply.
Boomer® audio power amplifiers were designed specifically
to provide high quality output power with a minimal amount
of external components using surface mount packaging.
Since the LM4882 does not require bootstrap capacitors or
snubber networks, it is optimally suited for low-power por-
table systems.
The LM4882 features an externally controlled, low power
consumption shutdown mode which is virtually clickless and
popless, as well as an internal thermal shutdown protection
mechanism.
The unity-gain stable LM4882 can be configured by external
gain-setting resistors.
Key Specifications
n
THD+Nat1kHz at 250 mW
continuous average output
power into 8
Ω
1.0% (max)
n
Output Power at 1% THD+N
at 1kHz into 4
Ω
380mW (typ)
n
THD+Nat1kHz at 85 mW
continuous average output
power into 32
Ω
0.1% (typ)
n
Shutdown Current
0.7 µA (typ)
Features
n
MSOP surface mount packaging
n
“Click and Pop” Suppression Circuitry
n
Supply voltages from 2.4V–5.5V
n
Operating Temperature −40˚C to 85˚C
n
Unity-gain stable
n
External gain configuration capability
n
No bootstrap capacitors, or snubber circuits are
necessary
Applications
n
Personal Computers
n
Cellular Phones
n
General Purpose Audio
Typical Application
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
DS100030-1
*Refer to the Application Information Section for information concerning
proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
MSOP and SOIC Package
DS100030-2
Top View
Order Number LM4882MM or LM4882M
See NS Package Number MUA08A or M08A
January 1998
© 1998 National Semiconductor Corporation
DS100030
www.national.com


Similar Part No. - LM4882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI2-LM48820 Datasheet
547Kb / 18P
LM48820 Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
REVISED MAY 2013
LM48820TM/NOPB TI1-LM48820TM/NOPB Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM4882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
250mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com