Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4882 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4882
Description  250mW Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4882 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4882 Datasheet HTML 1Page - National Semiconductor (TI) LM4882 Datasheet HTML 2Page - National Semiconductor (TI) LM4882 Datasheet HTML 3Page - National Semiconductor (TI) LM4882 Datasheet HTML 4Page - National Semiconductor (TI) LM4882 Datasheet HTML 5Page - National Semiconductor (TI) LM4882 Datasheet HTML 6Page - National Semiconductor (TI) LM4882 Datasheet HTML 7Page - National Semiconductor (TI) LM4882 Datasheet HTML 8Page - National Semiconductor (TI) LM4882 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0 V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
PIn 5
1500V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450
″Surface Mounting and their Effects on
Product Reliability
″ for other methods of soldering surface
mount devices.
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
170˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.4V
≤ V
DD ≤ 5.5V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4882
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Quiescent Current
V
IN = 0V, IO = 0A
2
4.0
mA (max)
I
SD
Shutdown Current
V
pin1 =VDD
0.5
5
µA (max)
V
OS
Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD+N=1% (max);f=1 kHz;
R
L =4Ω
380
mW
R
L =8Ω
270
250
mW (min)
R
L =32Ω
95
mW
THD+N=10%;f=1kHz
R
L =4Ω
480
mW
R
L =8Ω
325
mW
R
L =32Ω
125
mW
THD + N
Total Harmonic Distortion + Noise
R
L =8Ω,P O = 250 mWrms;
0.5
%
R
L =32Ω,PO = 85 mWrms;
0.1
%
f=1kHz
PSRR
Power Supply Rejection Ratio
V
pin3 = 2.5V, V ripple = 200 mVrms,
f = 120 Hz
50
dB
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 3V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4882
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Quiescent Current
V
IN = 0V, IO = 0A
1.2
mA
I
SD
Shutdown Current
V
pin1 =VDD
0.3
µA
V
OS
Offset Voltage
V
IN =0V
5
mV
P
O
Output Power
THD+N=1% (max);f=1kHz
R
L =8Ω
80
mW
R
L =32Ω
30
mW
THD+N=10%;f=1kHz
R
L =8Ω
105
mW
R
L =32Ω
40
mW
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com