Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWCCA-RX350300-101 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWCCA-RX350300-101
Description  20W RX DUAL MODE WIRELESS CHARGING COIL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCCA-RX350300-101 Datasheet(HTML) 1 Page - Abracon Corporation

  AWCCA-RX350300-101 Datasheet HTML 1Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 2Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20W RX DUAL MODE WIRELESS CHARGING COIL
AWCCA-RX350300-101
Pb RoHS/RoHS II Compliant
MSL= 1
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED:
09/02/2016
Ø 35.00 x 3.15 mm
MAXIMUM RATINGS
FEATURES
APPLICATIONS
• Wireless charging receiver coil
• Optimized for 19V/20W operation
• 25uH inductance
• 35mm diameter
• 3.15mm height
• High permeability shielding to protect sensitive electronics
• Durable construction
• Industrial -40˚C to 85˚C operating temperature
• Compatible with Semtech’s high power 20W wireless
charging receiver (TSDMRX-19V/20W-EVM)
• Industrial automation
• Medical devices
• Portable audio/video
• Robotics
• Drones
• Appliances
• Power tools
ELECTRICAL SPECIFICATIONS
PART IDENTIFICATION
Item
Value
Operating Temperature
Range
T = -25˚C ~ 85˚C,
RH 65±20%
Storage Temperature
Range
T = -40˚C~85˚C,
RH 65±20%
Part Number
Inductance
DC Resistance
Q
AWCCA-RX350300-101
25μH±10%
<150mΩ Typ
90 Typ
Test Condition
100KHz / 1V
20±15˚C
100KHz/1V
Test Equipment
HP4284A, HP42841A , Agilent 34420A or equivalent
Test Environment
Temperature: 20±15˚C, RH: 65% ±20%.
Test Conditions: Ambient Temperature: 20±10˚C, RH: 65% ±20%.
DESIGN CODE
101=Design Code
HEIGHT
300=3mm
WIDTH
350=35mm
APPLICATION
RX= Receiver
AWCCA- RX 350 300 101
-
-


Similar Part No. - AWCCA-RX350300-101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCCA-107T52 ABRACON-AWCCA-107T52 Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.08.13
AWCCA-107T52H40-C01-B ABRACON-AWCCA-107T52H40-C01-B Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.08.13
AWCCA-12R12H11-C01-B ABRACON-AWCCA-12R12H11-C01-B Datasheet
1Mb / 3P
Rx Wireless Charging Coil Assembly
11.30.15
AWCCA-18R18H10-C01-B ABRACON-AWCCA-18R18H10-C01-B Datasheet
1Mb / 3P
For Rx applications
11.30.15
AWCCA-26R26H08-C01-B ABRACON-AWCCA-26R26H08-C01-B Datasheet
1Mb / 3P
Wireless Charging Coil Assembly
11.30.15
More results

Similar Description - AWCCA-RX350300-101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCCA-38R32 ABRACON-AWCCA-38R32 Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.06.13
AWCCA-50N50 ABRACON-AWCCA-50N50 Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.08.13
AWCCA-53N53 ABRACON-AWCCA-53N53 Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.08.13
AWCCA-107T52 ABRACON-AWCCA-107T52 Datasheet
1Mb / 2P
Wireless Charging Coil Assembly
12.08.13
AWCCA-12R12H11-C01-B ABRACON-AWCCA-12R12H11-C01-B Datasheet
1Mb / 3P
Rx Wireless Charging Coil Assembly
11.30.15
AWCCA-36R36H08-C51-B ABRACON-AWCCA-36R36H08-C51-B Datasheet
2Mb / 3P
Wireless Charging Coil Assembly
11.30.15
AWCCA-47R38H08-C01-B ABRACON-AWCCA-47R38H08-C01-B Datasheet
1Mb / 3P
Wireless Charging Coil Assembly
11.30.15
AWCCA-50N50H16-C51-B ABRACON-AWCCA-50N50H16-C51-B Datasheet
2Mb / 3P
Wireless Charging Coil Assembly
11.30.15
logo
Vishay Siliconix
IWAS-4832EC-50 VISHAY-IWAS-4832EC-50 Datasheet
77Kb / 2P
Wireless charging receiving coil
05-Aug-13
logo
AiT Semiconductor Inc.
W AITSEMI-W Datasheet
255Kb / 1P
WIRELESS CHARGING COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com