Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWCCA-RX350300-101 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWCCA-RX350300-101
Description  20W RX DUAL MODE WIRELESS CHARGING COIL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCCA-RX350300-101 Datasheet(HTML) 2 Page - Abracon Corporation

  AWCCA-RX350300-101 Datasheet HTML 1Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 2Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20W RX DUAL MODE WIRELESS CHARGING COIL
AWCCA-RX350300-101
Pb RoHS/RoHS II Compliant
MSL= 1
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED:
09/02/2016
Ø 35.00 x 3.15 mm
MECHANICAL DIMENSIONS (ALL DIMENSIONS ARE IN mm)
Tolerances are ±0.2mm, unless otherwise specified*
STORAGE AND OPERATIONAL CONDITIONS
Storage Conditions
1. Recommended storage conditions: -25˚C~85˚C, 70%RH (Max.)
2. Service life: Within the limits of six month from being produced.
3. The appearance and solder ability should be check, if product is not in expiry date.
Operation Conditions
1. Use condition limit: T=-25˚C ~ 85˚C, RH≤ 90%.
Dimensions of AWCCA-RX350300-101
Item
A
B
C
D
E
F
G
H
Spec
8.00
34.00
35.00
25.00
5.00
1.00
3.15
5.00
Tol
±2.00
Max
±0.80
±2.00
±2.00 ±0.08 MAX ±1.50
Winding Details of AWCCA-RX350300-101
Number of Coils
Wire
Number of Turns
Inductance
1
Φ0.08 mm*50
15 Turns, 2 Layer
25μH±10%
Magnetic Sheet
Format
Soft Ferrite
1 layer / Φ35.0mm x 1.00mm
Wave Soldering Profile: Not suitable for wave soldering
Manual Soldering: 350˚C Max, 3secs
Packaging: Box, 100pcs MOQ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com