Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWCCA-RX350300-101 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AWCCA-RX350300-101
Description  20W RX DUAL MODE WIRELESS CHARGING COIL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCCA-RX350300-101 Datasheet(HTML) 3 Page - Abracon Corporation

  AWCCA-RX350300-101 Datasheet HTML 1Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 2Page - Abracon Corporation AWCCA-RX350300-101 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20W RX DUAL MODE WIRELESS CHARGING COIL
AWCCA-RX350300-101
Pb RoHS/RoHS II Compliant
MSL= 1
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED:
09/02/2016
Ø 35.00 x 3.15 mm
NOTES
1. The parts are manufactured in accordance with this specification. If other conditions and specifications
which are required for this specification, please contact ABRACON for more information.
2. ABRACON will supply the parts in accordance with this specification unless we receive a written request
to modify prior to an order placement.
3. In no case shall ABRACON be liable for any product failure from in appropriate handling or operation of
the item beyond the scope of this specification.
4. When changing your production process, please notify ABRACON immediately.
5. ABRACON LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial,
Industrial and, where designated, Automotive Applications. ABRACON’s products are not specifically
designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application re-
quiring high reliability where component failure could result in loss of life and/or property. For applica-
tions requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from ABRACON LLC is required. Please contact ABRACON LLC for more information.
6. All specifications and Marking will be subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com