Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4502 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4502
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4502 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH4502 Datasheet HTML 1Page - OSRAM GmbH SFH4502 Datasheet HTML 2Page - OSRAM GmbH SFH4502 Datasheet HTML 3Page - OSRAM GmbH SFH4502 Datasheet HTML 4Page - OSRAM GmbH SFH4502 Datasheet HTML 5Page - OSRAM GmbH SFH4502 Datasheet HTML 6Page - OSRAM GmbH SFH4502 Datasheet HTML 7Page - OSRAM GmbH SFH4502 Datasheet HTML 8Page - OSRAM GmbH SFH4502 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH 4501, SFH 4502, SFH 4503
2001-03-09
7
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
SFH 4501
27.5 (1.083)
29.5 (1.161)
1.2 (0.047)
1.8 (0.071)
Anode
0.4 (0.016)
0.6 (0.024)
GEXY6952
8.2 (0.323)
9.0 (0.354)
7.5 (0.295)
7.8 (0.307)
0.6 (0.024)
0.4 (0.016)
Area not flat
5.5 (0.217)
5.9 (0.232)
SFH 4502
GEXY6718
Anode
Anode
Area not flat
1.8 (0.071)
1.2 (0.047)
29.0 (1.142)
27.0 (1.063)
9.0 (0.354)
8.2 (0.323)
7.8 (0.307)
7.5 (0.295)
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com