Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4502 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4502
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4502 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4502 Datasheet HTML 1Page - OSRAM GmbH SFH4502 Datasheet HTML 2Page - OSRAM GmbH SFH4502 Datasheet HTML 3Page - OSRAM GmbH SFH4502 Datasheet HTML 4Page - OSRAM GmbH SFH4502 Datasheet HTML 5Page - OSRAM GmbH SFH4502 Datasheet HTML 6Page - OSRAM GmbH SFH4502 Datasheet HTML 7Page - OSRAM GmbH SFH4502 Datasheet HTML 8Page - OSRAM GmbH SFH4502 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001-03-09
2
SFH 4501, SFH 4502, SFH 4503
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 100
°C
Sperrspannung
Reverse voltage
V
R
3V
Durchlaßstrom
Forward current
I
F (DC)
100
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
2.2
A
Verlustleistung
Power dissipation
P
tot
180
mW
Wärmewiderstand Sperrschicht - Umgebung,
freie Beinchenlänge max. 10 mm
Thermal resistance junction - ambient,
lead length between package bottom and PCB
max. 10 mm
R
thJA
375
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA, tp = 20 ms
λ
peak
950
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 100 m A, tp = 20 ms
∆λ
40
nm
Abstrahlwinkel
Half angle
SFH 4501
SFH 4502
SFH 4503
ϕ
± 7
± 18
± 4
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.3
× 0.3
mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com