Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4502 Datasheet (PDF) - OSRAM GmbH

SFH4502 Datasheet PDF - OSRAM GmbH
Part # SFH4502
Download  SFH4502 Download
File Size   106.68 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial

SFH4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4502 Datasheet PDF - OSRAM GmbH

Part # SFH4502
Download  SFH4502 Click to download

File Size   106.68 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial

SFH4502 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH4502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH4502 ETC-SFH4502 Datasheet
93Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
More results


Similar Description - SFH4502

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
List of Unclassifed Man...
SFH4501 ETC-SFH4501 Datasheet
93Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com