Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4930 Datasheet HTML 1Page - National Semiconductor (TI) LM4930 Datasheet HTML 2Page - National Semiconductor (TI) LM4930 Datasheet HTML 3Page - National Semiconductor (TI) LM4930 Datasheet HTML 4Page - National Semiconductor (TI) LM4930 Datasheet HTML 5Page - National Semiconductor (TI) LM4930 Datasheet HTML 6Page - National Semiconductor (TI) LM4930 Datasheet HTML 7Page - National Semiconductor (TI) LM4930 Datasheet HTML 8Page - National Semiconductor (TI) LM4930 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SYSTEM CONTROL REGISTERS (Continued)
Basic Config Register (Continued)
10
PCM_ALWAYS_ON
This bit should be set if another codec is using the PCM bus. When set, the LM4930 will
drive the clock and sync signals in all modes except Powerdown (Note 12)
11
I2S_M/S
I2S master or slave select. If set then I2S = master. Cleared = slave
12
I2S_RES
I2S resolution select. If set then 32 bits per frame. If cleared then 16 bits per frame
13
RSVD
RESERVED (Note 13)
14
RSVD
RESERVED (Note 13)
15
RSVD
RESERVED (Note 13)
Voice/Test Config Registers
This register configures the voiceband codec, sidetone attenuation, and selected control functions. The 7 bit address for the
VOICE TESTCONFIG register is XX10001.
(X=0if ADDR is set to logic 0)
(X=1if ADDR is set to logic 1)
VOICETESTCONFIG (XX10001).
(Set = logic 1, Clear = logic 0)
BIT
15
14
13
12
11
10
987654321
0
RESET
0
0
0000000000000
0
Address
Register
Description
0
CLASS
If set, configures the chip for use with an external class D or linear amplifier and turns the
BTL speaker output into a buffer. (Note 12)
4:1
SIDESTONE_ATTEN Programs the attenuation of the digital sidetone. Attenuation is set as follows:
4:1
Sidetone
Attenuation
4:1
Sidetone Attenuation
0000
Mute
1000
-9dB
0001
-30dB
1001
-6dB
0010
-27dB
1010
-3dB
0011
-24dB
1011
0dB
0100
-21dB
1100
Mute
0101
-18dB
1101
Mute
0110
-15dB
1110
Mute
0111
-12dB
1111
Mute
5
AUTOSIDE
This feature is included for use with the mono speaker in hands-free applications where
sidetones may not be desirable. If set, the sidetone is always muted in voice over mono
speaker modes (0010, 0100, 1001, and 1010), otherwise the sidetone is present at whatever
level is set in the gain control register
6
CLOCK_DIV
If set, allows for the use of a 24.576MHz crystal. Default setting is for 12.288MHz crystal.
(Note 12)
7
ZXD_DISABLE
Disables the zero crossing detect in the stereo DAC to guarantee immediate mode changes
rather than waiting for a zero cross. (Note 11)
8:9
RSVD
RESERVED (Note 13)
10:11
CAP_SIZE
Set to accomodate different bypass capacitor values to give correct turn-off delay and
click/pop performance. Value is set as follows: (Note 12)
10:11
Delay
Bypass Capacitor Size
00
25ms
0.1µF
01
50ms
0.39µF
10
85ms
1µF
11
RESERVED
RESERVED
12
ZXDS_SLOW
If set, this forces the stereo DAC outputs to wait for a zero crossing before powering down
13
MUTE_LS
If set, mutes the loudspeaker amplifier in any mode where it is not already muted
14
MUTE_HP
If set, mutes the headphone amplifier in any mode where it is not already muted
15
MUTE_MIC
If set, mutes the microphone preamp
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com