Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 9Page - National Semiconductor (TI) LM4930 Datasheet HTML 10Page - National Semiconductor (TI) LM4930 Datasheet HTML 11Page - National Semiconductor (TI) LM4930 Datasheet HTML 12Page - National Semiconductor (TI) LM4930 Datasheet HTML 13Page - National Semiconductor (TI) LM4930 Datasheet HTML 14Page - National Semiconductor (TI) LM4930 Datasheet HTML 15Page - National Semiconductor (TI) LM4930 Datasheet HTML 16Page - National Semiconductor (TI) LM4930 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2, 3) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7,
15)
AI
ST
Analog Standby Current
f
MCLK = 12.288MHz
Output Mode = "0001" Standby Mode
100
300
µA (max)
V
FS_LS
Full-Scale Output Voltage
(Mono speaker amplifier)
CLASS = 0; 0dB gain setting; 8
Ω BTL
load (Note 10)
2.5
V
P-P
V
FS_HP
Full-Scale Output Voltage
(Headphone amplifier)
0dB gain setting; 32
Ω Stereo Load (Note
10)
2.5
V
P-P
V
MIC_BIAS
Mic Bias Voltage
2
V
THD+N
Headphone Amplifier Total
Harmonic Distortion + Noise
f
IN = 1kHz, POUT = 7.5mW
0.07
%
P
OHP
Headphone Amplifier Output
Power
THD+N = 0.5%, f
OUT = 1kHz
25
15
mW (min)
P
OLS
Mono Speaker Amplifier Output
Power
THD+N = 2%, f
OUT = 1kHz
300
270
mW (min)
PSRR
Power Supply Rejection Ratio
C
BYPASS = 1.0µF
C
DAC_REF = 1.0µF
V
RIPPLE = 200mVP-P @ 217Hz
50
42
dB (min)
SNR
(Voice)
Signal-to-Noise Ratio
(Voice Audio Path)
Signal = Vo at f = 1kHz @1% THD+N,
32
Ω Stereo Load; Noise = digital zero,
A-weighted; 0dB gain setting
72
dB
SNR
(Music)
Signal-to-Noise Ratio (Music
Audio Path)
Signal = Vo at f = 1kHz @1% THD+N,
32
Ω Stereo Load; Noise = digital zero,
A-weighted; 0dB gain setting
86
dB
DR
(Voice)
Dynamic Range (Voice Audio
Path)
Signal = Vo at f = 1kHz @1% THD+N,
32
Ω Stereo Load; Noise for -60dBFS
digital input; A-weighted, 0dB gain setting
72
dB
DR
(Music)
Dynamic Range (Music Audio
Path)
Signal = Vo at f=1kHz @1% THD+N, 32
Ω
Stereo Load; Noise for -60dBFS digital
input; A-weighted, 0dB gain setting
86
dB
SNR
ADC
Signal-to-Noise Ratio
(Voice ADC Path)
Reference signal = 0dBFS
MIC_P, MIC_N terminated with 10
Ω to
ground;
A-weighted; 47dB MIC preamp gain
setting
75
dB
DR
ADC
Dynamic Range
(Voice ADC Path)
Reference signal = 0dBFS
Noise for -60dBFS digital input;
A-weighted; 47dB MIC preamp gain
setting
75
dB
X
TALK
Stereo Channel-to-Channel
Crosstalk
f
S = 48kHz, fIN = 1kHz sinewave at
-3dB
FS
73
dB
V
MIC-IN
Maximum Differential MIC Input
Voltage
17dB MIC Preamp gain setting
570
mV
P-P
R
VDAC
Voice DAC Ripple
300Hz - 3.3kHz through head-phone
output.
+/-0.15
+/-0.2
dB (max)
R
VADC
Voice ADC Ripple
300Hz - 3.3kHz through head-phone
output.
+/-0.25
+/-0.3
dB (max)
PB
VDAC
Voice DAC Passband
-3dB Point
3.46
kHz
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com