Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4930 Datasheet HTML 1Page - National Semiconductor (TI) LM4930 Datasheet HTML 2Page - National Semiconductor (TI) LM4930 Datasheet HTML 3Page - National Semiconductor (TI) LM4930 Datasheet HTML 4Page - National Semiconductor (TI) LM4930 Datasheet HTML 5Page - National Semiconductor (TI) LM4930 Datasheet HTML 6Page - National Semiconductor (TI) LM4930 Datasheet HTML 7Page - National Semiconductor (TI) LM4930 Datasheet HTML 8Page - National Semiconductor (TI) LM4930 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM4930
Audio Subsystem with Stereo Headphone & Mono
Speaker Amplifiers
General Description
The LM4930 is an integrated audio subsystem that supports
voice and digital audio functions. The LM4930 includes a
high quality I
2S input stereo DAC, a voice band codec, a
stereo headphone amplifier and a high-power mono speaker
amplifier. It is primarily designed for demanding applications
in mobile phones and other portable devices.
The LM4930 features an I
2S serial interface for full range
audio, a 16-bit PCM bi-directional serial interface for the
voice band codec and an two-wire interface for control. The
full range music path features an SNR of 86dB with a 16-bit
48kHz input. The stereo DAC can also be used while the
voice codec is in use. The headphone amplifier delivers
25mW
RMS toa32
Ω single-ended stereo load with less than
0.5% distortion (THD+N) when AV
DD
= 3V. The mono
speaker amplifier delivers up to 300mW into an 8
Ω load with
less than 2% distortion when AV
DD =3V.
The LM4930 employs advanced techniques to reduce power
consumption, to reduce controller overhead and to eliminate
click and pop. Boomer audio power amplifiers were de-
signed specifically to provide high quality output power with
a minimal amount of external components. It is, therefore,
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
Key Specifications
j PH/P OUT at AVDD = 3.0V, 32
Ω
0.5% THD+N
25mW (typ)
j PLS OUT at AVDD = 3.0V, 8
Ω
2% THD+N
300mW (typ)
j Supply voltage range
DV
DD (Note 8)
2.6V to 4.5V
AV
DD (Note 8)
2.6V to 5.5V
j Total shutdown current
2µA (typ)
j PSRR at 217Hz, AVDD = 3V
50dB (typ)
Features
n
16-bit resolution 48kHz stereo DAC
n
16-bit resolution 8kHz voice codec
n
I
2S digital audio data serial interface
n
Two-wire serial control interface
n
PCM voice audio data serial interface
n
25mW/channel stereo headphone amplifier
n
300mW mono 8
Ω amplifier (at AV
DD = 3.0V)
n
32-step volume control for audio output amplifiers
n
No snubber networks or bootstrap capacitors are
required by the headphone or hands-free amplifiers
n
Digital sidetone generation with adjustable attenuation
n
Gain controllable headphone amp, mono BTL amp, mic
preamp
n
Available in the 36 bump micro SMD package
Applications
n
Mobile Phones
n
Mobile/low power audio appliances
n
PDAs
Boomer® is a registered trademark of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS200720
www.national.com


Similar Part No. - LM4930

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI2-LM4930 Datasheet
897Kb / 40P
LM4930 Boomer™ Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
REVISED MAY 2013
LM4930ITLX/NOPB TI1-LM4930ITLX/NOPB Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

Similar Description - LM4930

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com