Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega163 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATmega163
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 15Page - ATMEL Corporation ATmega163 Datasheet HTML 16Page - ATMEL Corporation ATmega163 Datasheet HTML 17Page - ATMEL Corporation ATmega163 Datasheet HTML 18Page - ATMEL Corporation ATmega163 Datasheet HTML 19Page - ATMEL Corporation ATmega163 Datasheet HTML 20Page - ATMEL Corporation ATmega163 Datasheet HTML 21Page - ATMEL Corporation ATmega163 Datasheet HTML 22Page - ATMEL Corporation ATmega163 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-9
1925C–AVR–3/03
3.7.1
ISP Programming
In-System Programming uses the AVR internal SPI (Serial Peripheral Interface) to
download code into the Flash and EEPROM memory of the AVR. ISP programming
requires only V
CC, GND, RESET and three signal lines for programming. All AVR
devices except AT90C8534, ATtiny11 and ATtiny28 can be ISP programmed. The AVR
can be programmed at the normal operating voltage, normally 2.7 - 6.0V. No high-volt-
age signals are required. The ISP programmer can program both the internal Flash and
EEPROM. It also programs fuse bits for selecting clock options, start-up time and inter-
nal Brown-out Detector (BOD) for most devices.
High-voltage programming can also program devices that are not supported by ISP pro-
gramming. Some devices require High-voltage Programming for programming certain
fuse bits. See the High-voltage Programming section on page 3-11 for instructions on
how to use High-voltage Programming.
Because the programming interface is placed on different pins from part to part, three
programming headers are used to route the programming signals to the correct pins. A
6-wire cable is supplied for connecting the ISP signals to the target ISP header. A color
coding system and a number system are used to explain which target ISP header is
used for each socket.
During ISP programming, the 6-wire cable must always be connected to the header
marked “ISP6PIN”. When programming parts in the blue sockets, connect the other end
of the cable to the blue SPROG1 target ISP header. When programming parts in the
green socket, use the green SPROG2 target ISP header. And when programming parts
in the red sockets, use the red SPROG3 target ISP header.Table 3-2 shows which
socket suits which AVR device, and which SPROG target ISP header to use for ISP
programming.
The 6-wire cables should be connected directly from the ISP6PIN header to the correct
SPROG target ISP header. The cable should not be twisted. A colored wire on the cable
indicates pin 1. Confirm that this is connected to pin 1 on each of the headers.
When programming 8-pin devices, note the following: Pin 1 is used both as RESET and
as PB5 on some devices (ATtiny11, ATtiny12 and ATtiny15). Pin 1 on the 8-pin sockets
SCKT3400D1 and SCKT3400D1 are connected to PB5. The RESET signal used during
ISP programming is therefore not connected to pin 1 on these sockets. This signal must
be connected by placing a wire between RST and the PORTE header and PB5 on the
PORTB header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com