Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega163 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATmega163
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 32Page - ATMEL Corporation ATmega163 Datasheet HTML 33Page - ATMEL Corporation ATmega163 Datasheet HTML 34Page - ATMEL Corporation ATmega163 Datasheet HTML 35Page - ATMEL Corporation ATmega163 Datasheet HTML 36Page - ATMEL Corporation ATmega163 Datasheet HTML 37Page - ATMEL Corporation ATmega163 Datasheet HTML 38Page - ATMEL Corporation ATmega163 Datasheet HTML 39Page - ATMEL Corporation ATmega163 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Hardware Description
3-26
AVR STK500 User Guide
1925C–AVR–3/03
Figure 3-37. Prog Data Header Pinout
The Prog Data signals are used for the data bus when parallel High-voltage Program-
ming an AVR device. During ISP programming, DATA5 is used as MOSI, DATA6 is
used as MISO, and DATA7 is used for SCK.
Note:
All Prog Data signals are based on 5V CMOS logic. No voltage conversion to
adapt to VTG is done on these signals.
3.11
Miscellaneous
STK500 has 2 push buttons and 3 LEDs for special functions and status indication. The
following section explains these features. Figure 3-38 shows the placement of these
functions.
Figure 3-38. Special Functions and Status Indication LEDs
3.11.1
RESET Push Button
The RESET push button resets the target AVR device when pushed. The master micro-
controller is not controlled by the RESET push button. When the RESET jumper is not
mounted, the RESET push button is disabled.
DATA1
DATA3
DATA5
DATA7
NC
DATA0
DATA2
DATA4
DATA6
GND
1 2
Target Power LED
RESET Push Button
Main Power LED
Status LED
Program Push Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com