Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega163 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATmega163
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 27Page - ATMEL Corporation ATmega163 Datasheet HTML 28Page - ATMEL Corporation ATmega163 Datasheet HTML 29Page - ATMEL Corporation ATmega163 Datasheet HTML 30Page - ATMEL Corporation ATmega163 Datasheet HTML 31Page - ATMEL Corporation ATmega163 Datasheet HTML 32Page - ATMEL Corporation ATmega163 Datasheet HTML 33Page - ATMEL Corporation ATmega163 Datasheet HTML 34Page - ATMEL Corporation ATmega163 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-21
1925C–AVR–3/03
When the XTAL1 jumper is mounted, the STK500 internal clock system is used as main
clock to the target AVR. The internal clock system can either use a crystal in the
on-board crystal socket or a software-generated clock from the master microcontroller.
The frequency of the software-generated clock can be set from 0 to 3.68 MHz. The
default value is 3.68 MHz. Section 5.3.5.3 on page 5-7 explains how to set the clock fre-
quency from AVR Studio.
When using the STK500 software-generated clock system as main clock, the target
AVR microcontroller fuses should be configured for “external clock” as clock source.
This gives shortest start-up time for the microcontroller. For details of start-up time, see
the datasheet for the AVR microcontroller. For an explanation of clock source fuses con-
figuration, see Section 5.3.2 on page 5-3. Not all AVR devices have fuses for selection
between using a crystal or oscillator as clock source.
The internal clock system is selected with the OSCSEL jumper. Figure 3-29 shows the
jumper options for OSCSEL.
The on-board oscillator will work with ceramic resonators or crystals between
2 - 20 MHz (AT-cut, fundamental and parallel resonant crystals).
Figure 3-29. OSCSEL Jumper Options
When programming AVR in High-voltage Programming mode, OSCSEL should be
mounted on pins 1 and 2 to give the master microcontroller control of the target clock.
This is explained in detail in Section 3.7.2 on page 3-11.
Note:
In a real application with only one AVR connected to the crystal, there is no
need for an external oscillator circuit. The STK500 has eight different AVR
sockets connected to the same clock system. The long signal lines in this
system makes it difficult to drive a crystal with the On-chip Oscillators on the
AVR. The oscillator on STK500 is designed to operate on all target voltages
from 1.8 to 6.0V.
XTAL1
OSCSEL
Jumper mounted on pins 1 and 2
On-board software clock signal connected (default)
Jumper mounted on pins 2 and 3
On-board crystal signal connected
Jumper not mounted
On-board XTAL1 signal disconnected
XTAL1
OSCSEL
XTAL1
OSCSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com