Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega8 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATmega8
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATmega8 Datasheet HTML 4Page - ATMEL Corporation ATmega8 Datasheet HTML 5Page - ATMEL Corporation ATmega8 Datasheet HTML 6Page - ATMEL Corporation ATmega8 Datasheet HTML 7Page - ATMEL Corporation ATmega8 Datasheet HTML 8Page - ATMEL Corporation ATmega8 Datasheet HTML 9Page - ATMEL Corporation ATmega8 Datasheet HTML 10Page - ATMEL Corporation ATmega8 Datasheet HTML 11Page - ATMEL Corporation ATmega8 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Getting Started
2-2
AVR STK500 User Guide
1925C–AVR–3/03
2.3
Quick Start
The STK500 starter kit is shipped with an AT90S8515-8PC microcontroller in the socket
marked SCKT3000D3. The default jumper settings will allow the microcontroller to exe-
cute from the clock source and voltage regulator on the STK500 board.
The microcontroller is programmed with a test program that toggles the LEDs. The test
program in the AT90S8515 is similar to the example application code described in Sec-
tion 9. Connect the LEDs and switches and power up the STK500 to run the test
program in the AT90S8515.
Use the supplied 10-pin cables to connect the header marked “PORTB” with the header
marked “LEDS”, and connect the header marked “PORTD” with the header marked
“SWITCHES”. The connections are shown in Figure 2-1.
An external 10 - 15V DC power supply is required. The input circuit is a full bridge recti-
fier, and the STK500 automatically handles both positive or negative center connectors.
If a positive center connector is used, it can be impossible to turn the STK500 off since
the power switch disconnects the GND terminal. In this case, GND can be supplied
through the RS-232 cable shield if connected or through alternative GND connections.
Connect the power cable between a power supply and the STK500. Apply 10 - 15V DC
to the power connector. The power switch turns the STK500 main power on and off. The
red LED is lit when power is on, and the status LEDs will go from red, via yellow, to
green. The green LED indicates that the target V
CC is present. The program now run-
ning in the AT90S8515 will respond to pressed switches by toggling the LEDs.
Figure 2-1. Default Setup of STK500
The starter kit can be configured for various clock and power sources. A complete
description of the jumper settings is explained in paragraph 3.8 on page 3-15 and on the
reverse side of the starter kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com