Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega8 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATmega8
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATmega8 Datasheet HTML 49Page - ATMEL Corporation ATmega8 Datasheet HTML 50Page - ATMEL Corporation ATmega8 Datasheet HTML 51Page - ATMEL Corporation ATmega8 Datasheet HTML 52Page - ATMEL Corporation ATmega8 Datasheet HTML 53Page - ATMEL Corporation ATmega8 Datasheet HTML 54Page - ATMEL Corporation ATmega8 Datasheet HTML 55Page - ATMEL Corporation ATmega8 Datasheet HTML 56Page - ATMEL Corporation ATmega8 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
AVR STK500 User Guide
7-1
Rev. 1925C–AVR–3/03
Section 7
Troubleshooting Guide
Table 7-1. Troubleshooting Guide
Problem
Reason
Solution
The red power LED is not on.
The DC power cable is not
connected.
Connect the DC power cable
to the DC jack (page 2-3).
Wrong power supply is used.
Check that the power supply
is of DC type 10 - 15V, min.
500 mA (page 2-3).
The power switch is off.
Turn on the power switch.
The preprogrammed
example code does not
toggle the LEDs.
There is no AVR device in the
socket.
Plug the AVR device into the
right socket (page 2-3).
The LEDs are not connected
to the I/O ports.
Connect the LEDS header to
the PORTD header, and the
SWITCHES header to the
PORTB header (page 3-3).
The Flash memory is erased.
Connect STK500 to a PC
and reprogram the AVR
device (page 2-3).
The AVR device cannot be
programmed.
The PC serial cable is not
connected.
Connect the serial cable to
the PC COM port and the
RS232 PROG port.
The AVR device is inserted in
wrong socket.
Check that the correct socket
is used (page 3-10).
The AVR device is inserted
with wrong orientation.
Check that the notch on the
AVR socket matches the
notch on the AVR device.
The target ISP header is not
connected.
Connect the 6-pin flexible
cable from ISP6PIN header
to the correct SPROG target
ISP header (page 3-10).
The jumpers settings are
wrong.
Set jumper to default setup
(page 3-15).
The memory lock bits are
programmed.
Erase the memory before
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com