Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega8 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATmega8
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATmega8 Datasheet HTML 28Page - ATMEL Corporation ATmega8 Datasheet HTML 29Page - ATMEL Corporation ATmega8 Datasheet HTML 30Page - ATMEL Corporation ATmega8 Datasheet HTML 31Page - ATMEL Corporation ATmega8 Datasheet HTML 32Page - ATMEL Corporation ATmega8 Datasheet HTML 33Page - ATMEL Corporation ATmega8 Datasheet HTML 34Page - ATMEL Corporation ATmega8 Datasheet HTML 35Page - ATMEL Corporation ATmega8 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Hardware Description
3-22
AVR STK500 User Guide
1925C–AVR–3/03
Figure 3-30. XTAL1 and OSCSEL Connections
3.8.5
BSEL2 Jumper
The BSEL2 jumper connects the Byte Select 2 signal for High-voltage Programming of
ATmega8, ATmega16, ATmega161, ATmega163, ATmega128, and ATmega323. The
BSEL2 jumper should only be mounted when High-voltage Programming ATmega16,
ATmega161, ATmega163, ATmega128, or ATmega323. When using ATmega8, con-
nect the right BSEL2 pin to PC2 in the target area. See Figure 3-31. For descriptions of
the Byte Select 2 signal, see the programming section of the corresponding parts
datasheet.
Figure 3-31. BSEL2 Connection for ATmega8
3.8.6
PJUMP Jumpers
The PJUMP jumpers route the programming pin of AT90S2333, AT90S4433, and
ATmega8 to the programming lines when using High-voltage Programming. The
PJUMP jumpers should only be mounted when using High-voltage Programming on
AT90S2333, AT90S4433, or ATmega8. During debugging, High-voltage Programming
of other parts and ISP programming, these jumpers should not be mounted.
Figure 3-32. PJUMP Jumpers Placement
PE1
RST
GND
XT2
VTG
PE0
PE2
REF
XT1
GND
1 2
XTAL1 NET
XTAL1
Voltage
converter
VTG
5V
AVR
Studio
MASTER
MCU
PORTE
Jumper
Jumper
Oscillator
OSCSEL
3
2
1
BSEL2
PJUMP
Cable to PC2
Correct
Jumper
Placement
Not
Correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com