Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega328P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 8Page - ATMEL Corporation ATmega328P Datasheet HTML 9Page - ATMEL Corporation ATmega328P Datasheet HTML 10Page - ATMEL Corporation ATmega328P Datasheet HTML 11Page - ATMEL Corporation ATmega328P Datasheet HTML 12Page - ATMEL Corporation ATmega328P Datasheet HTML 13Page - ATMEL Corporation ATmega328P Datasheet HTML 14Page - ATMEL Corporation ATmega328P Datasheet HTML 15Page - ATMEL Corporation ATmega328P Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
© 2013 / www.atmel.com
Part No.
Description
Package
ATA6824C
H-bridge DC Motor Driver System Basis Chip. Integrated 3.3V/5V /100mA Power Supply,
Window Watchdog and Serial Interface
QFN32, TQFP32
ATA6832C
Triple Half-bridge Driver with 3 High-side and 3 Low-side Drivers, 1000mA Current
Limitation and PWM > 20kHz
QFN18
ATA6844
30V BLDC Motor System Basis Chip with 3 Half-bridge Gate Drivers, LIN Interface,
Window Watchdog and Voltage Regulator, Tjunction up to 200°C, Coast Function
QFN48
High-Temperature Drivers
Standard Driver ICs
Part No.
Description
Package
ATA6823C
LIN System Basis Chip with H-bridge DC Motor Driver. Integrated 3.3V/5V/100mA Power Supply,
LIN Transceiver, Watchdog, 2 High-side and 2 Low-side Gate Drivers
QFN32
ATA6826C
Triple Half-bridge Driver with Serial Input Control, 3 High-side and 3 Low-side Drivers,
1000mA Current Limitation
SO14
ATA6831C
Triple Half-bridge Driver with Serial Input Control and 25-kHz PWM Input,
3 High-side and 3 Low-side Drivers, 1000mA Current Limitation
QFN18
ATA6836C
Hex Half-bridge Driver with Serial Input Control, 6 High-side and 6 Low-side Drivers,
650mA Current Limitation
SO28, QFN24
ATA6838C
Hex Half-bridge Driver with Serial Input Control, 6 High-side and 6 Low-side Drivers,
950mA Current Limitation
QFN24
ATA6843
30V BLDC Motor System Basis Chip, LIN Interface, Window Watchdog and Voltage
Regulator, Coast Function
QFN48
High-Temperature Drivers
Atmel driver ICs are available for high-temperature appli-
cations in mechatronic solutions such as turbocharger or
exhaust gas recirculation systems. Many flaps have to
be controlled by DC motor driver ICs, which are located
very close to the hot engine. Due to the advantages
of our proprietary Silicon-on-Insulator (SOI) technology
(Atmel SMART-I.S.®), these driver ICs can withstand
ambient temperatures up to 150ºC/302ºF and chip
temperatures up to 200ºC/392ºF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com