Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATmega328P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 12Page - ATMEL Corporation ATmega328P Datasheet HTML 13Page - ATMEL Corporation ATmega328P Datasheet HTML 14Page - ATMEL Corporation ATmega328P Datasheet HTML 15Page - ATMEL Corporation ATmega328P Datasheet HTML 16Page - ATMEL Corporation ATmega328P Datasheet HTML 17Page - ATMEL Corporation ATmega328P Datasheet HTML 18Page - ATMEL Corporation ATmega328P Datasheet HTML 19Page - ATMEL Corporation ATmega328P Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
© 2013 / www.atmel.com
Part No.
Frequency Range
Modulation
Description
Package
ATA5279C
105–155kHz
ASK/FSK
Six-fold LF Antenna Driver IC
QFN48
ATA5580
125kHz
Bi-phase,
Manchester, QPLM
AES-128-based Read/Write Immobilizer Transponder
Incorporating Low-power AVR MCU
Plastic/Brick
ATA5723C
315MHz
ASK/FSK
UHF Remote Control Receiver, 300kHz Bandwidth RSSI Pin
Compatible to ATA5724C, ATA5728C
SSO20
ATA5724C
433MHz
ASK/FSK
UHF Remote Control Receiver, 300kHz Bandwidth, RSSI Pin
Compatible to ATA5723C, ATA5728C
SSO20
ATA5728C
868MHz
ASK/FSK
UHF Remote Control Receiver, 600kHz Bandwidth, RSSI Pin
Compatible to ATA5723C, ATA5724C
SSO20
ATA5745C
ATA5746C
433MHz
315MHz
ASK/FSK
Transparent UHF Receiver IC with Fast RKE/TPMS Switching Rate,
Suited to 1 to 20Kbits/s Manchester FSK with 4 Programmable
Bit-rate Ranges, High FSK Sensitivity (–114dBm at 2.4Kbits/s),
High Blocking Capability
QFN24
ATA5749C
315–433MHz
ASK/FSK
Low-current Fully Integrated Fractional-N PLL Transmitter with
Scalable Output Power (–0.5 to 12.5dBm)
TSSOP10
ATA5756C
ATA5757C
315MHz
433MHz
ASK/FSK
UHF Transmitter ICs with Low Settling Time and Active
Current Consumption
TSSOP10
ATA5771C
ATA5773C
ATA5774C
868–928MHz
315MHz
433MHz
ASK/FSK
AVR Microcontroller-based RF Transmitter Family
QFN24
ATA5781
ATA5782
ATA5783
310-318MHz
418-477MHz
836-956MHz
ASK/FSK
RF Receiver IC Family Featuring Lowest Power Consumption and High
Sensitivity, Same Receiver IPs as ATA583x
QFN32
ATA5790N
125kHz
BPLM*/ QPLM**/
Manchester/ Biphase
AES-128-based Passive Entry Go (PEG) IC for the Key,
Including an Embedded Ultra-low-power AVR 8-bit Microcontroller,
an LF Hardware AES Module for Immobilization, and a 3D LF
Receiver Module
QFN38
ATA5791
315MHz, 433MHz
ASK/FSK
Manchester
AES-128-based Embedded AVR Microcontroller Including RF
Transmitter and Complete LF Functionality for Passive Entry/
Passive Start Keys
QFN38
ATA5795C
125kHz
315–433 MHz
BPLM*/ QPLM**/
Manchester/ Biphase
ASK/FSK
AES-128-based Remote Keyless Entry (RKE) IC for the Key,
Including an Embedded Ultra-low-power AVR 8-bit Microcontroller,
the Dedicated RF Transmitter ATA5749C and the LF Hardware AES
Module for Immobilization in a Single Package
QFN32
ATA5811C
ATA5812C
433.868MHz
315MHz
ASK/FSK
UHF Transceiver IC with Extremely Low Current Consumption
and Small Size
QFN48
ATA5823C
ATA5824C
312.5–317.5MHz
433–868MHz
ASK/FSK
UHF Multi-channel Half-/Full-duplex Transceiver with Low
Power Consumption
QFN48
ATA5830N
310-318MHz,
418-477MHz,
836-928MHz
ASK/FSK
Highly Sensitive UHF ASK/FSK Transceiver, Maximum
Power-down Current 600nA
QFN32
ATA5831
ATA5832
ATA5833
310-318MHz
418-477MHz
836-956MHz
ASK/FSK
MCU-based RF Transceiver ICs Featuring Lowest Power
Consumption and High Sensitivity
QFN32
T5750C
T5753C
T5754C
868–928MHz
310–330MHz
429–439MHz
ASK/FSK
UHF Transmitter IC with High Output Power and Wide
Temperature Range (–40°C/F to +85°C/185°F, +125°C/257°F)
TSSOP8
* BPLM = Binary Pulse Length Modulation ** QPLM = Quad Pulse Length Modulation
Car Access Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com