Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATmega328P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 2Page - ATMEL Corporation ATmega328P Datasheet HTML 3Page - ATMEL Corporation ATmega328P Datasheet HTML 4Page - ATMEL Corporation ATmega328P Datasheet HTML 5Page - ATMEL Corporation ATmega328P Datasheet HTML 6Page - ATMEL Corporation ATmega328P Datasheet HTML 7Page - ATMEL Corporation ATmega328P Datasheet HTML 8Page - ATMEL Corporation ATmega328P Datasheet HTML 9Page - ATMEL Corporation ATmega328P Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
© 2013 / www.atmel.com
All devices have a programmable brown-out controller, on-chip 8MHz RC oscillator and a watchdog. The maximum frequency is 16MHz.
CAN
AT90CAN32
32
1024
2048
53
2.7-5.5
8
Yes
2
2
8
Yes
8
Yes
Yes
1 (15)
Yes
--
2
VQFN64, LQFP64
125
AT90CAN64
64
2048
4096
53
2.7-5.5
8
Yes
2
2
8
Yes
8
Yes
Yes
1 (15)
Yes
--
2
VQFN64, LQFP64
125
AT90CAN128
128
4096
4096
53
2.7-5.5
8
Yes
2
2
8
Yes
8
Yes
Yes
1 (15)
Yes
--
2
VQFN64, LQFP64
125
megaAVR
ATmega48P
4
256
512
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
125
ATmega64D3
64
2048
4096
50
2.7-3.6
16 (12-
bit)
2
5
8
50
Yes
18
Yes
Yes
5
2
3
TQFP64
105
ATmega88P
8
512
1024
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
125
ATmega88V
8
512
1024
23
1.8-3.6
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
85
ATmega16M1
16
512
1024
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
125
ATmega164P
16
512
1024
32
2.7-5.5
8
Yes
1
2
32
Yes
6
Yes
Yes
1 + USART
Yes
2
VQFN44, TQFP44
125
ATmega168P
16
512
1024
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
125
ATmega169P
16
512
1024
54
2.7-5.5
8
Yes
1
2
17
Yes
4
Yes
Yes
Yes
USI
1
VQFN64, TQFP64
85
ATmega32C1
32
1024
2048
27
2.7-5.5
11
4
1
1
27
Yes
4
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
125
ATmega32M1
32
1024
2048
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
125
ATmega324P
32
1024
2048
32
2.7-5.5
8
Yes
1
2
32
Yes
6
Yes
Yes
1 + USART
Yes
2
VQFN44, TQFP44
125
ATmega328P
32
1024
2048
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
125
ATmega644P
64
2048
4096
32
2.7-5.5
8
Yes
1
2
32
Yes
6
Yes
Yes
1 + USART
Yes
2
VQFN32, TQFP44
125
ATmega64C1
64
2048
4096
27
2.7-5.5
11
4
1
1
27
Yes
4
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
125
ATmega64M1
64
2048
4096
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
125
tinyAVR
ATtiny1634
16
256
1024
18
2.7-5.5
12
Yes
1
1
18
--
4
--
Yes
1 + USI
2 (N)
VQFN20, TSSOP20
125
ATtiny24
2
128
128
12
2.7-5.5
8
Yes
1
1
12
--
4
--
Yes
USI
USI
--
VQFN20, SOIC14
125
ATtiny25
2
128
128
6
2.7-5.5
4
Yes
--
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
125
ATtiny261
2
128
128
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
125
ATtiny44
4
256
256
12
2.7-5.5
8
Yes
1
1
12
--
4
--
Yes
USI
USI
--
VQFN20, SOIC14
125
ATtiny44V
4
256
256
12
1.8-3.6
8
Yes
--
1
12
--
4
--
Yes
USI
USI
--
VQFN20, SOIC14
85
ATtiny45
4
256
256
6
2.7-5.5
4
Yes
--
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
125
ATtiny45V
4
256
256
6
1.8-3.6
4
Yes
1
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
85
ATtiny461
4
256
256
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
125
ATtiny84
8
512
512
12
2.7-5.5
8
Yes
--
1
12
--
4
--
Yes
USI
USI
--
VQFN20
125
ATtiny85
8
512
512
6
2.7-5.5
4
Yes
--
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
125
ATtiny85V
8
512
512
6
1.8-3.6
4
Yes
1
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
85
ATtiny861
8
512
512
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
125
ATtiny87
8
512
512
16
2.7-5.5
11
Yes
1
1
16
--
3
Yes
Yes
1 + USI
No
1 (Y)
VQFN32, SOIC20, TSSOP20
125
ATtiny88
8
64
512
28
2.7-5.5
8
Yes
1
1
28
--
4
--
Yes
Yes
Yes
TQFP32, VQFN32
125
ATtiny167
16
512
512
16
2.7-5.5
11
Yes
1
1
16
--
3
Yes
Yes
1 + USI
No
1 (Y)
VQFN32, SOIC20, TSSOP20
125
Standard Automotive Atmel AVR 8-bit Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com