Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-R Datasheet(PDF) 4 Page - THOR communications

Part # F-RF-R
Description  Installation and User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-R Datasheet(HTML) 4 Page - THOR communications

  F-RF-R Datasheet HTML 1Page - THOR communications F-RF-R Datasheet HTML 2Page - THOR communications F-RF-R Datasheet HTML 3Page - THOR communications F-RF-R Datasheet HTML 4Page - THOR communications F-RF-R Datasheet HTML 5Page - THOR communications F-RF-R Datasheet HTML 6Page - THOR communications F-RF-R Datasheet HTML 7Page - THOR communications F-RF-R Datasheet HTML 8Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.SPECIFICATIONS
Electric Characteristics
Optical Wave length:
1290-1600nm
Optical Receiver sensitivity
+3dbm
– (-7dbm)
Optical Input Maximum:
2mW-3dBm
Saturation level
>+3dbm
Optical Return Loss:
>45dB
Response of Receive Module:
0.85A/W(1310nm standard)
Fiber Type:
Mono (9/125µm)
Fiber Connector:
SC/APC
Optical Receiving Power Monitor Voltage: 2V/mW
Noise Equivalence Power:
8PA/
√Hz
RF Characteristics
Frequency Range:
45-862MHz
RF Flatness:
Forward:
±0.75dB(fH-862MHz)
Return:
±0.75dB(5- fL MHz)
RF Return Loss:
Forward
≥16 dB (fH-550MHz)
≥14 dB (550MHz-862MHz)
Return:
≥14 dB (5MHz- fL MHz)
Max Output Level:
102dBµ
(0dBm of input optical power)
Link Specification:
C/N
≥ 51dB
C/CTB
≥ 65dB
C/CSO
≥ 60dB
Test Port:
-20dB
RF connector:
F connector
Power supply:
∼110V (85-135VAV)
Power consume:
≤30W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com