Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-R Datasheet(PDF) 6 Page - THOR communications

Part # F-RF-R
Description  Installation and User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-R Datasheet(HTML) 6 Page - THOR communications

  F-RF-R Datasheet HTML 1Page - THOR communications F-RF-R Datasheet HTML 2Page - THOR communications F-RF-R Datasheet HTML 3Page - THOR communications F-RF-R Datasheet HTML 4Page - THOR communications F-RF-R Datasheet HTML 5Page - THOR communications F-RF-R Datasheet HTML 6Page - THOR communications F-RF-R Datasheet HTML 7Page - THOR communications F-RF-R Datasheet HTML 8Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(3) The LED blinks green (for internal test purpose indicator )
(4) IP setting (Only for the units with the IP option )
Rear panel:
(1) Optical Connector Input - SC /APC
(2)RF Output Port 1 and Output Port 2: F type socket, Return RF Output Port. Two output ports
are independent, see the Max RF Lever in the chart. Important: Any output should be connected
with the 75
Ω load when it was not in use, or it would interrupt the performance of the other output
ports.
(3)Power Connector -110VAC 50Hz: AC Input power socket.
6. OPERATION
Install the F-RF-RXR into the CATV network according steps below.
Fiber connection
Turn off the power and take down the bolt in Fiber Input Port and perform the
following steps:
1. Carefully remove the protective cap from the SC/APC connector.
2. Test the input optical power with an Optical Test Meter
3. Be sure that the optical input power is less than 2mW (+3dBm), or it would
cause the damage of the Optical Receiving Module or Pin Diode.
1
2
3
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com