Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-R Datasheet(PDF) 7 Page - THOR communications

Part # F-RF-R
Description  Installation and User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-R Datasheet(HTML) 7 Page - THOR communications

  F-RF-R Datasheet HTML 1Page - THOR communications F-RF-R Datasheet HTML 2Page - THOR communications F-RF-R Datasheet HTML 3Page - THOR communications F-RF-R Datasheet HTML 4Page - THOR communications F-RF-R Datasheet HTML 5Page - THOR communications F-RF-R Datasheet HTML 6Page - THOR communications F-RF-R Datasheet HTML 7Page - THOR communications F-RF-R Datasheet HTML 8Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For short fiber distance applications use optical attenuators
4 Be sure the optical output power is not more than (-7dbm)
4. Insert the connector into the receptacle of the SC/APC adapter.
5. If the difference of two values is obvious, clean the end of the connector with a
lint free tissue moistened with 99.99% alcohol.
6. Power on, the Power Indicating Lamp lit red when the power is normal.
Otherwise, turn off the power immediately (and so on in the abnormal power in the
future), and contact with supplier.
This machine should be safely ground.
Link testing conditions
The performance parameters of this manual according to the measuring method
of GY/T 194-2003 < Specifications and methods of measurement on optical node
used in CATV systems >, and tested in the following conditions.
Test conditions:
1. Forward optical receive part: with 10km standard optical fiber, passive optical
attenuator and standard optical transmitter composed the testing link. Set 59
analog TV channel signal at range of 45/87MHz
~550MHz under the specified
link loss. Transmit digital modulation signal at range of 550MHz
~862/1003MHz,
the digital modulation signal level (in 8 MHz bandwidth) is 10dB lower than analog
signal carrier level. When the input optical power of optical receiver is -2dBm, the
RF output level is
108dBμV, with 9dB output tilt, measure the C/CTB, C/CSO and
C/N.
Chart
“Optical Input Power vs Voltage vs Output
O.Input Power
(mW/dBm)
Voltage
(V)
Output Level (dBµV)
Standard
Maximum
2.00/3.0
4.00
102
104
1.58/2.0
3.16
100
102
1.26/1.0
2.52
98
100
1.00/0.0
2.00
96
98
0.79/-1.0
1.58
94
96
0.63/-2.0
1.26
92
94
0.50/-3.0
1.00
90
92
0.40/-4.0
0.80
88
90
0.32/-5.0
0.64
86
88
0.25/-6.0
0.50
84
86



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com