Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-RX Datasheet(PDF) 4 Page - THOR communications

Part # F-RF-RX
Description  RF Mini Optical Receiver F-RF-RX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-RX Datasheet(HTML) 4 Page - THOR communications

  F-RF-RX Datasheet HTML 1Page - THOR communications F-RF-RX Datasheet HTML 2Page - THOR communications F-RF-RX Datasheet HTML 3Page - THOR communications F-RF-RX Datasheet HTML 4Page - THOR communications F-RF-RX Datasheet HTML 5Page - THOR communications F-RF-RX Datasheet HTML 6Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.0
STATUS INDICATOR
•
Input optical power status indicator:
≤-13dB
LED off
+3dBm ~ -12dBm
Green
+3dBm
Red
Page 2 of 4
5.0
Illustration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com