Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-RX Datasheet(PDF) 5 Page - THOR communications

Part # F-RF-RX
Description  RF Mini Optical Receiver F-RF-RX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-RX Datasheet(HTML) 5 Page - THOR communications

  F-RF-RX Datasheet HTML 1Page - THOR communications F-RF-RX Datasheet HTML 2Page - THOR communications F-RF-RX Datasheet HTML 3Page - THOR communications F-RF-RX Datasheet HTML 4Page - THOR communications F-RF-RX Datasheet HTML 5Page - THOR communications F-RF-RX Datasheet HTML 6Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6.0
TECHNICAL INDEX
Performance Index
Supplement
CATV input wavelength
(nm)
1210~1600
F-RF-RX
Optic
Receiving power
(dB)
+3 ~ -12
features
Channel Isolation
(dB)
≥40
Optical return loss
(dB)
≥55
Optical fiber connector
SC/APC
Standard bandwidth
(MHz)
5 ~ 862
Flatness
(dB)
≤±1.0
F-RF-RX
Output level (Vo1)
Output level (Vo2)
RF features Output level adjust
Return loss
Output impedance
Output port number
RF tie-in
(dBmV)
(dBmV)
(dB)
(dB)
(Ω)
32
22
0 ~ 18
≥12
75
1
F-Female
@ optical in: +3dBm
@ optical in: -2dBm
MGC
47 ~ 862MHz
Test channel
OMI
CNR1
Link feature CNR2
CH
59CH (PAL-D)
(%)
3.8
(dB)
56.6
(dB)
48.5
NTSC/80CH
@ -2dBm input
@ -8dBm input
CTB
CSO
HUM
(dB)
(dB)
(dB)
≤-70
≤-66
≤-60
@ -2dBm input
@ -2dBm input
Power supply
(V)
+12VDC
±1.0V
General
features
Power Consumption
Working temp
Storage temp
Working relative temp
Size
(W)
(℃)
(℃)
(%)
(mm)
≤2
-20 ~ +50
-40 ~ 85
5 ~ 59
59×98×23
+12VC, 100mA
(W)×(D)×(H)
7.0 TEST DATA
Opt in(dBm)
+3
+2
+1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
RF out(dBmV)
32.2
30.2
28.2
26.2
24.2
22.2
20.2
18.2
16.2
14.2
12.2
10.2
8.2
6.2
CNR(dB)
60
59
58.6
57.7
56.7
55.6
54.4
53.2
51.9
50.8
49.3
48.5
46.4
45.2
CTB(dB)
66
68
70
70
70
70
72
70
68
68
66
65
65
64
Page 3 of 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com