Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-RF-RX Datasheet(PDF) 6 Page - THOR communications

Part # F-RF-RX
Description  RF Mini Optical Receiver F-RF-RX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-RX Datasheet(HTML) 6 Page - THOR communications

  F-RF-RX Datasheet HTML 1Page - THOR communications F-RF-RX Datasheet HTML 2Page - THOR communications F-RF-RX Datasheet HTML 3Page - THOR communications F-RF-RX Datasheet HTML 4Page - THOR communications F-RF-RX Datasheet HTML 5Page - THOR communications F-RF-RX Datasheet HTML 6Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CSO(dB)
65
65
65
65
65
66
68
66
65
65
65
63
63
62
Remark:1.
Test condition: PAL-D59CH, OMI=3.8%
2.
Built-in PAD is 0dB attenuate
3. Test sample: F-RF-RX
8.0
PRODUCT SERIES
Model
Input wavelength
Operating wavelength
Pass wavelength
Fiber connector
F-RF-RX 1310/1550nm 1250~1600nm - SC/APC
Page 4 of 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com