Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT221M5D1AB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT221M5D1AB
Description  Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT221M5D1AB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT221M5D1AB Datasheet HTML 1Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 2Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 3Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE SWITCHES
44
Litho in U.S.A GG
Ordering Table — Washable Toggle Switches
Designed to be wave soldered along with other Printed Circuit Board Components and withstand associated cleaning processes.
HOW TO ORDER YOUR DESIGN
(Bold Face Type indicates items normally in Distributor Stock)
Following the table from left to right, the designer is able to specify
the options wanted. The options are described and illustrated on
The following pages.
WashableToggle Switch Selection Guide
Poles
Toggle
and
Lever
Lever
Bushing
Terminal
Contact
Series
Throw
Circuit
Options
Finish
Options
Type
Material
+
*Momentary Contact
2 Pole Only.
Subtract .030 from lever length when using this bushing.
Available on S and M lever options only.
Available only with L3 and L4 lever options only.
++
+
+
+
+
No.
SPDT
DPDT
Code
1
2
POS. "C"
ON
OFF
ON
ON
NONE
ON
ON
NONE
ON*
ON*
OFF
ON*
ON
OFF
ON*
ON
ON
ON
ON
ON
ON*
ON*
ON
ON*
Type
.940 BAT.
.740 BAT.
.650 BAT.
Long Mod Cap
Short Mod Cap
.510 BAT.
.300 BAT.
Code
21
23
26
27
31
32
33
35
Type
.250 Smooth
.280 Smooth
.350
Threaded
.350
Smooth
Code
1
3
4
5
6
Code
D1
D9
Y
Y9
Type
Right Angle PC
Vertical PC
.150 Spacing
PC Terminals
PC & Support
.750 Wire Wrap
.964 Wire Wrap
.425 Wire Wrap
1.062 Wire Wrap
Solder Lug
Quick Connect
Code
A
AV2
C
V30
W
W1
W3
W4
Z
Z3
Type
Gold/Brass
Gold/Silver
Coin/Silver
Subtract .100 from lever length when using these bushings.
Refer to page 59 for construction detail, wiring and electrical diagrams.
Not available on A, AV2, V30 terminal options.
Same as B, G and Q respectively except terminals brass with tin nickel alloy over nickel plate.
Consult plant for availability.
To determine a part number select the options desired and fill in
the boxes in the selection guides illustrated below.
Finish
Bright Chrome
Black
Black Nylon
Red Nylon
White Nylon
Code
L0
L1
L2
L3
L4
S
M
Code
B
G
Q
K
L
M
SPECIFICATIONS:
Contact Ratings —
Letter codes G and Q — 6 amp at 125 VAC, 3 amp @ 250 VAC (U.L.
recognized, CSA certified
) or 6 amp at 28 VDC resistive.
Letter codes B and G – 0.5 volt amp (VA) maximum @ 28 V
maximum (AC or DC).
Life Under Load — 60,000 make-and-break cycles — resistive
load only.
Initial Contact Resistance — 10 milliohms maximum 3 VDC, 100
ma for both silver and gold plated contacts.
Insulation Resistance — 1,000 megohms, min.
Dielectric Strength — 1,000 volts rms at sea level.
Operating Temperature — -30 degrees C to 85 degrees C.
MATERIALS:
Base & Bushing — Thermoplastic high temperature
(UL 94V-O).
Lever (toggle) — Brass, chrome plated.
Support brackets — Brass or steel tin plated.
Switching Contacts and Rockers —
Letter Code B — gold/nickel/brass
Letter Code G — gold/nickel/silver
Letter Code Q — Coin silver
Center Terminal
Letter Codes B and G — Gold flash/nickel/brass
Letter Code Q — Silver plated brass.
Hardware — See pages 55-57.
Code
WT
Series
Poles and Throw
Circuits
Lever Options and Finishes
Bushing Options
Terminal Options
Contact Material
Type
Toggle
EXAMPLES:
WT123M1D9AB =
SPDT toggle switch with an ON-NONE-ON circuit, .270" long lever (see note 2 above) with a bright chrome finish, .280"
smooth bushing right angle P.C. terminals with gold/brass contacts.
WT232S1D1V30G =
DPDT toggle switch with an ON-ON-ON circuit, .510" long lever with a bright chrome finish, .250" smooth bushing,
P.C. terminals with support bracket and gold/silver contacts.
Keyway


Similar Part No. - WT221M5D1AB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT2220ML090A LITTELFUSE-WT2220ML090A Datasheet
115Kb / 4P
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT2220ML120A LITTELFUSE-WT2220ML120A Datasheet
115Kb / 4P
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT2220ML121A LITTELFUSE-WT2220ML121A Datasheet
115Kb / 4P
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT2220ML140A LITTELFUSE-WT2220ML140A Datasheet
115Kb / 4P
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
More results

Similar Description - WT221M5D1AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S312 ETC1-S312 Datasheet
23Kb / 1P
3 Amp 120, 240 Vac AC Output
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
SOLID STATE RELAY 2 AMP 250 VAC
logo
JMK Inc.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20 Amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
logo
List of Unclassifed Man...
A121K11CWABP ETC2-A121K11CWABP Datasheet
360Kb / 6P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
A121S1YZQ ETC2-A121S1YZQ Datasheet
1Mb / 12P
Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
logo
Schneider Electric
8501XDO60V62 SCHNEIDER-8501XDO60V62 Datasheet
106Kb / 2P
NEMA Control Relay, Type X, machine tool, 10A resistive at 600 VAC, 6 normally open contacts, 115/125 VDC coil
Aug 31, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com