Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT221M5D1AB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WT221M5D1AB
Description  Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT221M5D1AB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WT221M5D1AB Datasheet HTML 1Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 2Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 3Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
47
Washable Toggle Switches
TERMINATION & MOUNTING OPTIONS — Contd.
AV2
ONE POLE
P.C. MOUNTING
AV2
TWO POLE
P.C. MOUNTING
V30
ONE POLE
P.C. MOUNTING
V30
TWO POLE
P.C. MOUNTING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com