Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT221M5D1AB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WT221M5D1AB
Description  Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT221M5D1AB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WT221M5D1AB Datasheet HTML 1Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 2Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 3Page - List of Unclassifed Manufacturers WT221M5D1AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MINIATURE SWITCHES
46
Litho in U.S.A GG
TERMINATION OPTIONS
C Printed Circuit
W Wire-Wrap
W1 Wire-Wrap
W3 Wire-Wrap
W4 Wire-Wrap
Z Standard
Z3 Quick Connect
Mating Receptacle from
AMP SPECIAL IND., P.O.
Box 984, Paoli, Pa. 19301
Amp P/N single piece
61454 series, strip from
60900
NOTE: Wire-Wrap is a registered trademark of the Gardner-Denver Company.
A
ONE POLE
P.C. MOUNTING
P.C. MOUNTING
Washable Toggle Switches
D1
Standard (.250") Smooth
BUSHING OPTIONS
D9
(.280") Smooth
Y
(.350") Threaded
Y9
(.350") Smooth
TERMINATION & MOUNTING OPTIONS
A
TWO POLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com