Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CP Datasheet(PDF) 4 Page - Abracon Corporation

Part # AWSCR-CP
Description  3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CP Datasheet(HTML) 4 Page - Abracon Corporation

  AWSCR-CP Datasheet HTML 1Page - Abracon Corporation AWSCR-CP Datasheet HTML 2Page - Abracon Corporation AWSCR-CP Datasheet HTML 3Page - Abracon Corporation AWSCR-CP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.19.2016
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
AWSCR-CP SERIES
MSL = 1
RoHS/RoHS II Compliant
6.0 x 3.0 x 1.8 mm
Pb in ceramic, exemption (7c-1)
CAUTION
1. Don’t apply excess mechanical stress to the component and terminals at soldering. Do not use this product with bend.
2. Do not clean or wash the component for it is not hermetically sealed.
3. Do not use strong acidity flux, more than 0.2wt% chlorine content, in flow soldering.
4. Don’t be close to fire.
5. This specification mentions the quality of the component as a single unit. Please insure the component is thoroughly evaluated
in your application circuit
6. Expire date (Shelf life) of the products is 12 months after delivery under the conditions of a sealed and an unopened package.
Please use the products within 12 months after delivery. If you store the products for a long time (more than 12 months), use
carefully because the products may be degraded in the solderability or rusty. Please confirm solderability and characteristics for
the products regularly.
NOTES
1. The parts are manufactured in accordance with this specification. If other conditions and specifications which are required for
this specification, please contact ABRACON for more information.
2. ABRACON will supply the parts in accordance with this specification unless we receive a written request to modify prior to an
order placement.
3. In no case shall ABRACON be liable for any product failure from in appropriate handling or operation of the item beyond the
scope of this specification.
4. When changing your production process, please notify ABRACON immediately.
5. ABRACON’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where
designated, Automotive Applications. ABRACON’s products are not specifically designed for Military, Aviation, Aerospace,
Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss
of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written
consent and authorization from ABRACON is required. Please contact ABRACON for more information.
6. All specifications and Marking will be subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com