Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CP Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWSCR-CP
Description  3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CP Datasheet(HTML) 2 Page - Abracon Corporation

  AWSCR-CP Datasheet HTML 1Page - Abracon Corporation AWSCR-CP Datasheet HTML 2Page - Abracon Corporation AWSCR-CP Datasheet HTML 3Page - Abracon Corporation AWSCR-CP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.19.2016
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
AWSCR-CP SERIES
MSL = 1
RoHS/RoHS II Compliant
6.0 x 3.0 x 1.8 mm
Pb in ceramic, exemption (7c-1)
OUTLINE DIMENSIONS
T=1.8±0.2mm(2.00-3.99MHz)
T=1.5±0.2mm(4.00-12.00MHz)
TOP VIEW
RECOMMENDED LANDING PATTERN (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com