Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CP Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-CP
Description  3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CP Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-CP Datasheet HTML 1Page - Abracon Corporation AWSCR-CP Datasheet HTML 2Page - Abracon Corporation AWSCR-CP Datasheet HTML 3Page - Abracon Corporation AWSCR-CP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.19.2016
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
AWSCR-CP SERIES
MSL = 1
RoHS/RoHS II Compliant
6.0 x 3.0 x 1.8 mm
Pb in ceramic, exemption (7c-1)
STANDARD SPECIFICATIONS
FEATURES
APPLICATIONS
OPTIONS AND PART IDENTIFICATION (LEFT BLANK IF STANDARD)
• Remove controls, microprocessor clocks DVD
& CD-ROMs, electric appliances
• Consumer electronics
• Low resonant impedance
• Built-in load capacitors
• Suitable for RoHS compliant reflow
• Low cost solution for cost sensitive applications
PARAMETERS
MINIMUM
TYPICAL
MAXIMUM
UNITS
NOTES
Frequency Range
2.00
12.00
MHz
Resonant Impedance (Ro)
100
Ω
2.00 MHz – 2.99 MHz
50
3.00 MHz – 3.49 MHz
30
3.50 MHz – 12.00 MHz
Standard Built-in Capacitance (C1=C2)
30
pF
2.00 MHz – 8.00 MHz
15
8.01 MHz – 12.00 MHz
Frequency Tolerance
-0.5
0.5
%
Frequency Stability
-0.3
0.3
%
Withstanding Voltage
50
V
-25˚C TO +85˚C
Rating Voltage
(1) D.C. Voltage
6
V
DC , 1 MIN.
(2) A.C. Voltage
15
Vp-p.
Insulation Resistance
100
MΩ
10V, 1 MIN.
Operation Temperature
-25
+85
ºC
Storage Temperature
-55
+85
ºC
Aging Rate (Fosc)
-0.1
0.1
%
10 years
AWSCR - X.XXCP - C
-
LOAD CAPACITANCE
Contact Abracon for built
in capacitance
options
FREQUENCY
Frequency in MHz
PACKAGING
T4: 4000pcs/Reel


Similar Part No. - AWSCR-CP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CPLA ABRACON-AWSCR-CPLA Datasheet
896Kb / 6P
Miniature Ceramic Resonator
07-30-2021
AWSCR-CPLB ABRACON-AWSCR-CPLB Datasheet
668Kb / 6P
Miniature Ceramic Resonator
04-19-19
More results

Similar Description - AWSCR-CP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-MD ABRACON-AWCR-MD Datasheet
322Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWCR-MS ABRACON-AWCR-MS Datasheet
343Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MC ABRACON-AWSZT-MC Datasheet
182Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MR ABRACON-AWSZT-MR Datasheet
163Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MS ABRACON-AWSZT-MS Datasheet
421Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MW ABRACON-AWSZT-MW Datasheet
174Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
HWZT-MS ABRACON-HWZT-MS Datasheet
344Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-CP ABRACON-AWSZT-CP Datasheet
638Kb / 4P
2-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSCR-3.58CP-T ABRACON-AWSCR-3.58CP-T Datasheet
723Kb / 4P
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSZT-3.58CP-T ABRACON-AWSZT-3.58CP-T Datasheet
638Kb / 4P
2-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com