Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5041
Description  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5041 Datasheet HTML 2Page - National Semiconductor (TI) LM5041 Datasheet HTML 3Page - National Semiconductor (TI) LM5041 Datasheet HTML 4Page - National Semiconductor (TI) LM5041 Datasheet HTML 5Page - National Semiconductor (TI) LM5041 Datasheet HTML 6Page - National Semiconductor (TI) LM5041 Datasheet HTML 7Page - National Semiconductor (TI) LM5041 Datasheet HTML 8Page - National Semiconductor (TI) LM5041 Datasheet HTML 9Page - National Semiconductor (TI) LM5041 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, VCC = 10V, RT = 26.7k
Ω,R
SET = 20k
Ω) unless otherwise stated (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Soft-Start
Soft-start Current
Source
7
10
13
µA
Soft-start to COMP
Offset
0.35
0.55
0.75
V
Shutdown Threshold
0.25
0.5
0.75
V
Oscillator
Frequency1 (RT =
26.7K
Ω)
T
J = 25˚C
180
175
200
220
225
kHz
Frequency2 (RT =
7.87K
Ω)
515
600
685
kHz
Sync threshold
3
3.5
V
PWM Comparator
Delay to Output
COMP set to 2V
CS stepped 0 to 0.4V,
Time to onset of OUT
transition low
25
ns
Max Duty Cycle
TS = Oscillator Period
(Ts-240ns)/Ts)
%
Min Duty Cycle
COMP = 0V
0
%
COMP to PWM
Comparator Gain
0.32
COMP Open Circuit
Voltage
FB=0V
4.1
4.8
5.5
V
COMP Short Circuit
Current
FB = 0V, COMP = 0V
0.6
1
1.4
mA
Slope Compensation
Slope Comp Amplitude
Delta increase at PWM
Comparator to CS
110
mV
UVLO Shutdown
Under-voltage
Shutdown
2.44
2.5
2.56
V
Under-voltage
Shutdown
Hysteresis Current
Source
16
20
24
µA
Buck Stage Outputs
Output High level
5 (V
REF)V
Output High Saturation
I
OUT = 10mA
REF=V
OUT
0.5
1
V
Output Low Saturation
I
OUT = −10mA
0.5
1
V
Rise Time
C
L = 100pF
10
ns
Fall Time
C
L = 100pF
10
ns
Push-Pull Outputs
Overlap Time
R
SET = 20k
Ω Connected
to GND, 50% to 50%
Transitions
60
90
120
ns
Dead Time
R
SET = 20k
Ω Connected
to GND, 50% to 50%
Transitions
65
95
125
ns
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com