Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5041
Description  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5041 Datasheet HTML 1Page - National Semiconductor (TI) LM5041 Datasheet HTML 2Page - National Semiconductor (TI) LM5041 Datasheet HTML 3Page - National Semiconductor (TI) LM5041 Datasheet HTML 4Page - National Semiconductor (TI) LM5041 Datasheet HTML 5Page - National Semiconductor (TI) LM5041 Datasheet HTML 6Page - National Semiconductor (TI) LM5041 Datasheet HTML 7Page - National Semiconductor (TI) LM5041 Datasheet HTML 8Page - National Semiconductor (TI) LM5041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM5041
Cascaded PWM Controller
General Description
The LM5041 PWM controller contains all of the features
necessary to implement either current-fed or voltage-fed
push-pull or bridge power converters. These “Cascaded”
topologies are well suited for multiple output and higher
power applications. The LM5041’s four control outputs in-
clude: the buck stage controls (HD and LD) and the push-
pull control outputs (PUSH and PULL). Push-pull outputs are
driven at 50% nominal duty cycle at one half of the switching
frequency of the buck stage and can be configured for either
a guaranteed overlap time (for current-fed applications) or a
guaranteed both-off time (for voltage-fed applications).
Push-pull stage MOSFETs can be driven directly from the
internal gate drivers while the buck stage requires an exter-
nal driver such as the LM5102. The LM5041 includes a
high-voltage start-up regulator that operates over a wide
input range of 15V to 100V. The PWM controller is designed
for high-speed capability including an oscillator frequency
range up to 1 MHz and total propagation delays of less than
100ns. Additional features include: line Under-Voltage Lock-
out (UVLO), soft-start, an error amplifier, precision voltage
reference, and thermal shutdown.
Features
n
Internal Start-up Bias Regulator
n
Programmable Line Under-Voltage Lockout (UVLO) with
Adjustable Hysteresis
n
Current Mode Control
n
Internal Error Amplifier with Reference
n
Dual Mode Over-Current Protection
n
Leading Edge Blanking
n
Programmable Push-Pull Overlap or Dead Time
n
Internal 1.5A Push-Pull Gate Drivers
n
Programmable Soft-start
n
Programmable Oscillator with Sync Capability
n
Precision Reference
n
Thermal Shutdown
Applications
n
Telecommunication Power Converters
n
Industrial Power Converters
n
Multi-Output Power Converters
n
+42V Automotive Systems
Packages
n
TSSOP-16
n
LLP-16 (5x5 mm) Thermally Enhanced
Typical Application Circuit
20074901
Simplified Cascaded Push-Pull Power Converter
August 2003
© 2003 National Semiconductor Corporation
DS200749
www.national.com


Similar Part No. - LM5041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI-LM5041 Datasheet
1Mb / 22P
LM5041 Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 21P
Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
Cascaded PWM Controller
LM5041 TI2-LM5041 Datasheet
758Kb / 24P
LM5041 Cascaded PWM Controller
REVISED MARCH 2013
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
Cascaded PWM Controller
More results

Similar Description - LM5041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
Cascaded PWM Controller
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
Cascaded PWM Controller
logo
Texas Instruments
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
LM5041 Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
Cascaded PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com