Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5041
Description  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5041 Datasheet HTML 8Page - National Semiconductor (TI) LM5041 Datasheet HTML 9Page - National Semiconductor (TI) LM5041 Datasheet HTML 10Page - National Semiconductor (TI) LM5041 Datasheet HTML 11Page - National Semiconductor (TI) LM5041 Datasheet HTML 12Page - National Semiconductor (TI) LM5041 Datasheet HTML 13Page - National Semiconductor (TI) LM5041 Datasheet HTML 14Page - National Semiconductor (TI) LM5041 Datasheet HTML 15Page - National Semiconductor (TI) LM5041 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Oscillator and Sync Capability
(Continued)
The buck stage will switch at the oscillator frequency and
each push-pull output will switch at half the oscillator fre-
quency in a push-pull configuration. The LM5041 can also
be synchronized to an external clock. The external clock
must have a higher frequency than the free running fre-
quency set by the RT resistor. The clock signal should be
capacitively coupled into the RT pin with a 100pF capacitor.
A peak voltage level greater than 3V is required for detection
of the sync pulse. The sync pulse width should be set in the
15 to 150ns range by the external components. The RT
resistor is always required, whether the oscillator is free
running or externally synchronized. The voltage at the RT pin
is internally regulated to 2V. The RT resistor should be
located very close to the device and connected directly to the
pins of the IC (RT and GND).
Slope Compensation
The PWM comparator compares the current sense signal to
the voltage at the COMP pin. The output stage of the internal
error amplifier generally drives the COMP pin. At duty cycles
greater than 50 percent, current mode control circuits are
subject to sub-harmonic oscillation. By adding an additional
fixed ramp signal (slope compensation) to the current sense
ramp, oscillations can be avoided. The LM5041 integrates
this slope compensation by buffering the internal oscillator
ramp and summing a current ramp generated by the oscil-
lator internally with the current sense signal. Additional slope
compensation may be provided by increasing the source
impedance of the current sense signal.
Soft-start and Shutdown
The soft-start feature allows the power converter to gradually
reach the initial steady state operating point, thereby reduc-
ing start-up stresses and surges. At power on, a 10uA cur-
rent is sourced out of the soft-start pin (SS) to charge an
external capacitor. The capacitor voltage will ramp up slowly
and will limit the maximum duty cycle of the buck stage. In
the event of a fault as indicated by V
CC Under-voltage, line
Under-voltage or second level current limit, the output driv-
ers are disabled and the soft-start capacitor is discharged to
ground. When the fault condition is no longer present, a
soft-start sequence will begin again and buck stage duty
cycle will gradually increase as the soft-start capacitor is
charged. The SS pin also serves as an enable input. The
controller will enter a low power state if the SS pin is forced
below the 0.45V threshold.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the
integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at 165
degrees Celsius, the controller is forced into a low-power
standby state, disabling the output drivers and the bias
regulator. This feature is provided to prevent catastrophic
failures from accidental device overheating.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com