Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65111A5421 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q65111A5421
Description  Outdoor lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A5421 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q65111A5421 Datasheet HTML 1Page - OSRAM GmbH Q65111A5421 Datasheet HTML 2Page - OSRAM GmbH Q65111A5421 Datasheet HTML 3Page - OSRAM GmbH Q65111A5421 Datasheet HTML 4Page - OSRAM GmbH Q65111A5421 Datasheet HTML 5Page - OSRAM GmbH Q65111A5421 Datasheet HTML 6Page - OSRAM GmbH Q65111A5421 Datasheet HTML 7Page - OSRAM GmbH Q65111A5421 Datasheet HTML 8Page - OSRAM GmbH Q65111A5421 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.1
GW MAEGB1.EM
2015-03-02
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 18
Luminous Flux
1) page 18
Luminous Flux
4) page 18
Luminous Flux
4) page 18
Gruppe
Lichtstrom
1) Seite 18
Lichtstrom
1) Seite 18
Lichtstrom
4) Seite 18
Lichtstrom
4) Seite 18
T
S = 85 °C
T
S = 85 °C
T
S = 25 °C
T
S = 25 °C
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(extrapolated min.)
Φ
V [lm]
(extrapolated
max.) Φ
V [lm]
QPQS
710
970
753
1028
QQQT
763
1042
809
1105
QRQU
820
1120
869
1187
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com