Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEATBA2A Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LEATBA2A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBA2A Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LEATBA2A Datasheet HTML 9Page - OSRAM GmbH LEATBA2A Datasheet HTML 10Page - OSRAM GmbH LEATBA2A Datasheet HTML 11Page - OSRAM GmbH LEATBA2A Datasheet HTML 12Page - OSRAM GmbH LEATBA2A Datasheet HTML 13Page - OSRAM GmbH LEATBA2A Datasheet HTML 14Page - OSRAM GmbH LEATBA2A Datasheet HTML 15Page - OSRAM GmbH LEATBA2A Datasheet HTML 16Page - OSRAM GmbH LEATBA2A Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
2008-12-15
14
LE ATB A2A
Ersatzschaltbild für den thermischen Widerstand
2) Seite 17
Analogon lay out for thermal resistance
2) page 17
Verpackung
9) Seite 17
25 St. pro Box = Verpackungseinheit
Method of Packing
9) page 17
25 pcs. per tray = packing unit
OHTE2881
Chip 1
Chip 2
Chip 4
Chip 3
Board
Baseplate
T
=
TAmbient
Junction,chip1
T
Junction,chip2
T
Junction,chip3
T
Junction,chip4
T
th,board
R
= 3 K/W
= 8 K/W
th,chip
R
Submount
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com