Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEATBA2A Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LEATBA2A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBA2A Datasheet(HTML) 2 Page - OSRAM GmbH

  LEATBA2A Datasheet HTML 1Page - OSRAM GmbH LEATBA2A Datasheet HTML 2Page - OSRAM GmbH LEATBA2A Datasheet HTML 3Page - OSRAM GmbH LEATBA2A Datasheet HTML 4Page - OSRAM GmbH LEATBA2A Datasheet HTML 5Page - OSRAM GmbH LEATBA2A Datasheet HTML 6Page - OSRAM GmbH LEATBA2A Datasheet HTML 7Page - OSRAM GmbH LEATBA2A Datasheet HTML 8Page - OSRAM GmbH LEATBA2A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2008-12-15
2
LE ATB A2A
Bestellinformation
Ordering Information
Typ
Type
Emissionsfarbe
Color of Emission
Lichstärke pro Farbe
1) Seite 17
Luminous Intensity per Color
1) page 17
I
F = 750 mA (A) / 500 mA (T, B)
Ι
V (cd)
amber
true green
blue
min.
typ.
min.
typ.
min.
typ.
LE ATB A2A
amber
true green (2 Chips)
blue
12
18
23
28
2
3.5
Typ
Type
Emissionsfarbe
Color of Emission
Lichtfluss pro Farbe
2)3) Seite 17
Luminous Flux per Color
2)3) page 17
I
F = 750 mA (A) / 500 mA (T, B)
Φ
V (lm)
amber
true green
blue
min.
typ.
min.
typ.
min.
typ.
LE ATB A2A
amber
true green (2 Chips)
blue
(37)
(55)
(71)
(86)
(6)
(10.5)
Bestellinformation
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
!LE ATB A2A
Q65110A3646
!Abgekündigt nach OS-PD-2008-016 - wird durch LE ATB S2W ersetzt werden.
Obsolete acc. to OS-PD-2008-016 - will be replaced by LE ATB S2W.
Letzte Bestellung / Last Order: 2009-06-30
Letzte Lieferung / Last Delivery: 2009-12-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com