Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEATBA2A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEATBA2A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBA2A Datasheet(HTML) 4 Page - OSRAM GmbH

  LEATBA2A Datasheet HTML 1Page - OSRAM GmbH LEATBA2A Datasheet HTML 2Page - OSRAM GmbH LEATBA2A Datasheet HTML 3Page - OSRAM GmbH LEATBA2A Datasheet HTML 4Page - OSRAM GmbH LEATBA2A Datasheet HTML 5Page - OSRAM GmbH LEATBA2A Datasheet HTML 6Page - OSRAM GmbH LEATBA2A Datasheet HTML 7Page - OSRAM GmbH LEATBA2A Datasheet HTML 8Page - OSRAM GmbH LEATBA2A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2008-12-15
4
LE ATB A2A
Kennwerte
Characteristics
(
T
board = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
true
green
blau
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 750 mA (A) / 500 mA (T, B)
λ
peak
627
521
460
nm
Dominantwellenlänge
4) Seite 17
(min.)
Dominant wavelength
4) page 17
(typ.)
I
F = 750 mA (A) / 500 mA (T, B)
(max.)
λ
dom
λ
dom
λ
dom
613
617
625
517
525
534
458
464
469
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
I
F = 750 mA (A) / 500 mA (T, B)
Δλ
20
44
24
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
120
120
Grad
deg.
Durchlassspannung
5) Seite 17
(min.)
Forward voltage
5) page 17
(typ.)
I
F = 750 mA (A) / 500 mA (T, B)
(max.)
V
F
V
F
V
F
2.1
2.9
3.4
2.9
3.5
4.0
2.9
3.5
4.0
V
V
V
Temperaturkoeffizient von
λ
peak pro Chip
(typ.)
Temperature coefficient of
λ
peak per chip
I
F = 750 mA (A) / 500 mA (T, B); –10°C ≤ T ≤ 100°C
TCλpeak
0.14
0.05
0.05
nm/K
Temperaturkoeffizient von
λ
dom pro Chip
(typ.)
Temperature coefficient of
λ
dom per chip
I
F = 750 mA (A) / 500 mA (T, B); –10°C ≤ T ≤ 100°C
TCλdom
0.08
0.01
0.02
nm/K
Temperaturkoeffizient von
V
F pro Chip
(typ.)
Temperature coefficient of
V
F per chip
I
F = 750 mA (A) / 500 mA (T, B); –10°C ≤ T ≤ 100°C
TC
V
– 2.5
– 4.0
– 4.0
mV/K
Optischer Wirkungsgrad ohne Linse
Optical efficiency without Lens
(typ.)
I
F = 750 mA (A) / 500 mA (T, B)
η
opt
25
25
6
lm/W
max. Optischer Wirkungsgrad mit Linse
6) Seite 17
max. Optical efficiency with Lens
6) page 17
(typ.)
I
F = 100 mA (R, T, B)
η
opt max.
51
86
17
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
1.0
2.0
1.0
mm²
Leuchtdichte
Luminance
(typ.)
I
F = 750 mA (A) / 500 mA (T, B)
L
V
18*10
6
14*10
6
3.5*10
6
cd/m²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com